Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCS3P623Z09B Datasheet(PDF) 8 Page - ON Semiconductor

Part # PCS3P623Z09B
Description  Peak EMI Reduction IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCS3P623Z09B Datasheet(HTML) 8 Page - ON Semiconductor

Back Button PCS3P623Z09B Datasheet HTML 4Page - ON Semiconductor PCS3P623Z09B Datasheet HTML 5Page - ON Semiconductor PCS3P623Z09B Datasheet HTML 6Page - ON Semiconductor PCS3P623Z09B Datasheet HTML 7Page - ON Semiconductor PCS3P623Z09B Datasheet HTML 8Page - ON Semiconductor PCS3P623Z09B Datasheet HTML 9Page - ON Semiconductor PCS3P623Z09B Datasheet HTML 10Page - ON Semiconductor PCS3P623Z09B Datasheet HTML 11Page - ON Semiconductor PCS3P623Z09B Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
PCS3P623Z05A, PCS3P623Z05B, PCS3P623Z09A, PCS3P623Z09B
http://onsemi.com
8
TSKEW represents input−output
skew when spread spectrum is ON
For example, TSKEW = ±0.125 for an Input
clock 12 MHz, translates in to
(1/12 MHz) * 0.125 = 10.41 nS
Figure 7. Input − Output Skew
TSKEW−
TSKEW+
Input
Timing−Safe
Output
One clock cycle
N = 1
Figure 8. Test Circuit
GND
LOAD
CLKOUT
OUTPUT
+3.3 V
+3.3 V
VDD
VDD
0.1 mF
0.1 mF
Figure 9. Typical Example of Timing−Safe Waveform
Input
CLKOUT with SSOFF
Input
Timing−Safe CLKOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com