Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z86C2116FSC Datasheet(PDF) 15 Page - Zilog, Inc.

Part # Z86C2116FSC
Description  8K ROM Z8 CMOS MICROCONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C2116FSC Datasheet(HTML) 15 Page - Zilog, Inc.

Back Button Z86C2116FSC Datasheet HTML 11Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 12Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 13Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 14Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 15Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 16Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 17Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 18Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 19Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
15
Z86C21 MCU
WITH
8K ROM
Counter/Timers. There are two 8-bit programmable
counter/timers (T0-T1), each driven by its own 6-bit pro-
grammable prescaler. The T1 prescaler is driven by inter-
nal or external clock sources; however, the T0 prescaler is
driven by the internal clock only (Figure 15).
The 6-bit prescalers divides the input frequency of the
clock source by any integer number from 1 to 64. Each
prescaler drives its counter, which decrements the value
(1 to 256) that has been loaded into the counter. When both
the counter and prescaler reach the end of the count, a
timer interrupt request, IRQ4 (T0) or IRQ5 (T1), is gener-
ated.
The counter can be programmed to start, stop, restart to
continue, or restart from the initial value. The counters can
also be programmed to stop upon reaching zero (single
pass mode) or to automatically reload the initial value and
continue counting (modulo-n continuous mode).
The counter, but not the prescalers, can be read at any
time without disturbing their value or count mode. The
clock source for T1 is user-definable and can be either the
internal microprocessor clock divided by four, or an exter-
nal signal input through Port 3. The Timer Mode register
configures the external timer input (P31) as an external
clock, a trigger input that is retriggerable or non-
retriggerable, or as a gate input for the internal clock. Port
3, line P36, also serves as a timer output (T
OUT) through
which T0, T1 or the internal clock is output. The counter/
timers are cascaded by connecting the T0 output to the
input of T1.
OSC
PRE0
Initial Value
Register
T0
Initial Value
Register
T0
Current Value
Register
6-Bit
Down
Counter
8-bit
Down
Counter
÷4
6-Bit
Down
Counter
8-Bit
Down
Counter
PRE1
Initial Value
Register
T1
Initial Value
Register
T1
Current Value
Register
÷2
Clock
Logic
IRQ4
IRQ5
Internal Data Bus
Write
Write
Read
Internal Clock
Gated Clock
Triggered Clock
TIN P31
Write
Write
Read
Internal Data Bus
External Clock
Internal
Clock
÷4
Serial I/O
Clock
Tout
P36
÷2
Figure 15. Counter/Timers Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com