Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z86C2116FSC Datasheet(PDF) 23 Page - Zilog, Inc.

Part # Z86C2116FSC
Description  8K ROM Z8 CMOS MICROCONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C2116FSC Datasheet(HTML) 23 Page - Zilog, Inc.

Back Button Z86C2116FSC Datasheet HTML 19Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 20Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 21Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 22Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 23Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 24Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 25Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 26Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 27Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
23
Z86C21 MCU
WITH
8K ROM
AC CHARACTERISTICS
Handshake Timing Diagrams
AC CHARACTERISTICS
Handshake Timing Table
T
A = 0°C to +70°CTA = –40°C to +105°C
12 MHz
16 MHz
12 MHz
16 MHz
Data
No
Sym
Parameter
Min
Max
Min
Max
Min
Max
Min
Max
Direction
1
TsDI(DAV)
Data In Setup Time
0000
IN
2
ThDI(DAV)
Data In Hold Time
145
145
145
145
IN
3
TwDAV
Data Available Width
110
110
110
110
IN
4
TdDAVI(RDY)
DAV Fall to RDY Fall Delay
115
115
115
115
IN
5
TdDAVId(RDY)
DAV Rise to RDY Rise Delay
115
115
115
115
IN
6
TdRDYO(DAV)
RDY Rise to DAV Fall Delay
0000
IN
7
TdD0(DAV)
Data Out to DAV Fall Delay
TpC
TpC
TpC
TpC
OUT
8
TdDAV0(RDY)
DAV Fall to RDY Fall Delay
0000
OUT
9
TdRDY0(DAV)
RDY Fall to DAV Rise Delay
115
115
115
115
OUT
10
TwRDY
RDY Width
110
110
110
110
OUT
11
TdRDY0d(DAV)
RDY Rise to DAV Fall Delay
115
115
115
115
OUT
Data Out
/DAV
(Output)
RDY
(Input)
Next Data Out Valid
Delayed
RDY
Delayed DAV
Data Out Valid
7
8
9
10
11
Data In
1
2
3
4
5
6
/DAV
(Input)
RDY
(Output)
Next Data In Valid
Delayed RDY
Delayed DAV
Data In Valid
Figure 21. Input Handshake Timing
Figure 22. Output Handshake Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com