Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z86C2116FSC Datasheet(PDF) 17 Page - Zilog, Inc.

Part # Z86C2116FSC
Description  8K ROM Z8 CMOS MICROCONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C2116FSC Datasheet(HTML) 17 Page - Zilog, Inc.

Back Button Z86C2116FSC Datasheet HTML 13Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 14Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 15Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 16Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 17Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 18Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 19Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 20Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 21Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
17
Z86C21 MCU
WITH
8K ROM
Clock. The Z86C21 on-chip oscillator has a high-gain,
parallel-resonant amplifier for connection to a crystal, LC,
ceramic resonator, or any suitable external clock source
(XTAL1 = Input, XTAL2 = Output). The crystal should be AT
cut, 1 MHz to 16 MHz max, and series resistance (RS) is
less than or equal to 100 Ohms. The crystal should be
connected across XTAL1 and XTAL2 using the recom-
mended capacitors (10 pF < CL < 300 pF) from each pin
11, ground instead of just system ground. This prevents
noise injection into the clock input (Figure 17).
Note: Actual capacitor value is specified by the crystal
manufacturer.
Figure 17. Oscillator Configuration
XTAL1
XTAL2
C1
C2
C1
C2
XTAL1
XTAL2
XTAL1
XTAL2
Ceramic Resonator
or Crystal
LC Clock
External Clock
L
Pin 11
Pin 11
Pin 11
Pin 11
HALT. Turns off the internal CPU clock but not the XTAL
oscillation. The counter/timers and the external interrupts
IRQ0, IRQ1, IRQ2, and IRQ3 remain active. The device
is recovered by interrupts, either externally or internally
generated. An interrupt request must be executed (en-
abled) to exit HALT mode. After the interrupt service
routine, the program continues from the instruction after
the HALT.
STOP. This instruction turns off the internal clock and
external crystal oscillation and reduces the standby cur-
rent to 5
µA (typical) or less. The STOP mode is terminated
by a reset which causes the processor to restart the
application program at address 000C (HEX).
In order to enter STOP (or HALT) mode, it is necessary to
first flush the instruction pipeline to avoid suspending
execution in mid-instruction. To do this, the user must
execute a NOP (opcode=0FFH) immediately before the
appropriate sleep instruction. i.e.,
FF NOP
; clear the pipeline
6F STOP
; enter STOP mode
or
FF NOP
; clear the pipeline
7F HALT
; enter HALT mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com