Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z86C2116FSC Datasheet(PDF) 31 Page - Zilog, Inc.

Part # Z86C2116FSC
Description  8K ROM Z8 CMOS MICROCONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C2116FSC Datasheet(HTML) 31 Page - Zilog, Inc.

Back Button Z86C2116FSC Datasheet HTML 27Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 28Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 29Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 30Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 31Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 32Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 33Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 34Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 35Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
31
Z86C21 MCU
WITH
8K ROM
Address
Instruction
Mode
Opcode
Flags Affected
and Operation
dst src
Byte (Hex) C Z S V D H
STOP
6F
------
SUB dst, src
†
2[ ]
TTTT 1 T
dst
←dst←src
SWAP dstRF0
X TT X-
-
IR
F1
TCM dst, src
†
6[ ]
-
TT 0-
-
(NOT dst)
AND src
TM dst, src
†
7[ ]
-
TT 0-
-
dst AND src
XOR dst, src
†
B[ ]
-
TT 0-
-
dst
←dst
XOR src
† These instructions have an identical set of addressing modes, which
are encoded for brevity. The first opcode nibble is found in the instruction
set table above. The second nibble is expressed symbolically by a ‘[ ]’
in this table, and its value is found in the following table to the left of the
applicable addressing mode pair.
For example, the opcode of an ADC instruction using the addressing
modes r (destination) and Ir (source) is 13.
Address Mode
Lower
dst
src
Opcode Nibble
r
r
[2]
r
Ir
[3]
R
R
[4]
R
IR
[5]
R
IM
[6]
IR
IM
[7]
INSTRUCTION SUMMARY (Continued)
Address
Instruction
Mode
Opcode
Flags Affected
and Operation
dst src
Byte (Hex) C Z S V D H
NOP
FF
------
OR dst, src
†
4[ ]
-
TT 0-
-
dst
←dst OR src
POP dst
R
50
------
dst
←@SP;
IR
51
SP
←SP + 1
PUSH src
R
70
------
SP
←SP – 1;
IR
71
@SP
←src
RCF
CF
0
-----
C
←0
RET
AF
------
PC
←@SP;
SP
←SP + 2
RL dst
R
90
TTTT --
IR
91
RLC dst
R
10
TTTT --
IR
11
RR dst
R
E0
TTTT --
IR
E1
RRC dst
R
C0
TTTT --
IR
C1
SBC dst, src
†
3[ ]
TTTT 1 T
dst
←dst←src←C
SCF
DF
1
-----
C
←1
SRA dst
R
D0
TTT 0-
-
IR
D1
SRP src
Im
31
------
RP
←src
C
70
C
70
C
70
C
70
C
70
74
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com