Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z86C7216FSC Datasheet(PDF) 30 Page - Zilog, Inc.

Part # Z86C7216FSC
Description  IR MICROCONTROLLER
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C7216FSC Datasheet(HTML) 30 Page - Zilog, Inc.

Back Button Z86C7216FSC Datasheet HTML 26Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 27Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 28Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 29Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 30Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 31Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 32Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 33Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 34Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 71 page
background image
Z86C72/C92/L72/L92
IR Microcontroller
Zilog
6-30
P R E L I M I N A R Y
DS97LVO0900
FUNCTIONAL DESCRIPTION
The Z8® incorporates special functions to enhance func-
tionality in consumer and battery operated applications.
Reset. The device is reset in one of the following condi-
tions:
1.
Power-On Reset
2.
Watch-Dog Timer
3.
Stop-Mode Recovery Source
4.
Low Voltage Detection
5.
External Reset
Program Memory. The Z86L/C72 addresses up to 16K of
internal program memory, with the remainder being exter-
nal memory (Figure 17). The first 12 bytes of program
memory are reserved for the interrupt vectors. These loca-
tions contain five 16-bit vectors that correspond to the five
available interrupts. At addresses 16K and greater, the
Z86L/C72 executes external program memory fetches (re-
fer to external memory timing specifications).
The Z86L72/C92 addresses up to (64K - 512 KB) of exter-
nal program memory beginning at address 0. This is also
true of the Z86L/C72 when the R//RL input is forced to a
low.
RAM. The Z86L72 has a 768-byte RAM. 256 bytes make
up the Register file. The remaining 512 bytes make up the
Extended Data RAM.
Extended Data RAM. The Extended Data RAM occupies
the address range FE00H-FFFFH (512 bytes). This range
of external addresses is replaced by the internal Extended
Data RAM and cannot be used to directly write to or read
from External Memory. Accessing the Extended Data
RAM is accomplished by using LDE, LDEI, LDC, or LDCI
instructions. Port 1 and Port 0 are free to be set as I/O or
ADDR/DATA modes (except for high-impedance) when
accessing Extended Data RAM. In addition, if the External
Memory uses the same address range as the Extended
Data RAM, it can be used as the External Stack only.
Note: The Extended Data RAM cannot be used as STACK
or instruction/code memory. Accessing the Extended Data
RAM has the following condition: P01M register bits D4-D3
cannot be set to 11.
Figure 17. L72/C72 Program Memory Map
11
10
9
8
7
6
5
4
3
2
1
0
External ROM
Location of
First Byte of
Instruction
Executed
After RESET
Interrupt
Vector
(Lower Byte)
Interrupt
Vector
(Upper Byte)
Reserved
IRQ4
IRQ4
IRQ3
IRQ3
IRQ2
IRQ2
IRQ1
IRQ1
IRQ0
IRQ0
Reserved
On-Chip
ROM
16384
Reset Start Address
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com