Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z86C7216FSC Datasheet(PDF) 32 Page - Zilog, Inc.

Part # Z86C7216FSC
Description  IR MICROCONTROLLER
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C7216FSC Datasheet(HTML) 32 Page - Zilog, Inc.

Back Button Z86C7216FSC Datasheet HTML 28Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 29Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 30Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 31Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 32Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 33Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 34Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 35Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 36Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 71 page
background image
Z86C72/C92/L72/L92
IR Microcontroller
Zilog
6-32
P R E L I M I N A R Y
DS97LVO0900
FUNCTIONAL DESCRIPTION (Continued)
7
654321
0
Working Register
Group Pointer
Expanded Register
Bank/Group Pointer
FF
FO
7F
0F
00
Z8 Register File (Bank0) **
REGISTER POINTER
FF
FE
FD
FC
FB
FA
F9
F8
F7
F6
F5
F4
F3
F2
F1
F0
SPL
SPH
RP
FLAGS
IMR
IRQ
IPR
P01M
P3M
P2M
U
U
0
U
0
0
U
0
0
1
(F) 0F
(F) 0E
(F) 0D
(F) 0C
(F) 0B
Reserved
(F) 01
(F) 00
WDTMR
SMR
U
U
0
U
U
0
U
1
0
1
U
U
0
U
U
0
U
0
0
1
U
U
0
U
U
0
U
0
0
1
U
U
0
U
U
0
U
1
0
1
U
U
0
U
U
0
U
1
0
1
U
U
0
U
U
0
U
0
0
1
U
U
0
U
U
0
U
1
0
1
UU
U
0
1
101
00
100
0
U
0
REGISTER**
EXPANDED REG. BANK/GROUP (F)
RESET CONDITION
REGISTER**
Z8® STANDARD CONTROL REGISTERS
RESET CONDITION
D7 D6 D5 D4 D3 D2 D1 D0
Reserved
*
*
*
†
Reserved
SMR2
Reserved
Reserved
UU
U
U
U
UU
U
UU
U
UUU
U
U
UU
U
UU
U
UU
UU
U
U
U
UU
U
0
0
00
0
000
0U
U
00
00
0
Reserved
PCON
U
0
*
00
0
0
U
U
UU
UU
UU
U
UUU
UU
UU
UU
U
U
U
U
U
UU
U
UU
REGISTER**
EXPANDED REG. GROUP (0)
RESET CONDITION
(0) 03
P3
(0) 02
P2
(0) 01
P1
(0) 00
P0
U = Unknown
* Will not be reset with a Stop-Mode Recovery
** All addresses are in Hexadecimal
*
*
† Will not be reset with a Stop-Mode Recovery, except Bit 0.
Reserved
Reserved
Reserved
Reserved
Reserved
U
0
U0
0
0
U
U
EXPANDED REG. BANK/GROUP (D)
REGISTER**
(D) 0C
(D) 0B
(D) 0A
(D) 09
(D) 08
(D) 07
(D) 06
(D) 05
(D) 04
(D) 03
(D) 02
Reserved
HI8
L08
HI16
L016
TC16H
TC16L
TC8H
TC8L
Reserved
CTR2
RESET CONDITION
U
UU
U
U
U
U
UUU
U
U
U
U
U
U
U
U
0
UUU
UU
U
U
U
U
U
U
U
UU
UUU
U
U
U
U
U
U
U
U
U
U
U
U
U
U
UU0
UUU
U
U
U
U
U
UU
UU
U
UU
U
UUU
(D) 01
CTR1
(D) 00
CTR0
0
0
U
UUU
U
U
0
UU
UUUU
Reserved
U
U
U
U
U
U
0
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
(F) 0A
(F) 09
(F) 08
(F) 07
(F) 06
(F) 05
(F) 04
(F) 03
(F) 02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com