Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z86C7216FSC Datasheet(PDF) 44 Page - Zilog, Inc.

Part # Z86C7216FSC
Description  IR MICROCONTROLLER
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C7216FSC Datasheet(HTML) 44 Page - Zilog, Inc.

Back Button Z86C7216FSC Datasheet HTML 40Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 41Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 42Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 43Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 44Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 45Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 46Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 47Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 48Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 71 page
background image
Z86C72/C92/L72/L92
IR Microcontroller
Zilog
6-44
P R E L I M I N A R Y
DS97LVO0900
FUNCTIONAL DESCRIPTION (Continued)
T16 Transmit Mode
In Normal or Ping-Pong Mode, the output of T16 when not
enabled is dependent on CTR1, D0. If it is a 0, T16_OUT
is a 1; if it is a 1, T16_OUT is 0. The user can force the out-
put of T16 to either a 0 or 1 whether it is enabled or not by
programming CTR1 D3, D2 to a 10 or 11.
When T16 is enabled, TC16H * 256 + TC16L is loaded,
and T16_OUT is switched to its initial value (CTR1 D0).
When T16 counts down to 0, T16_OUT is toggled (in Nor-
mal or Ping-Pong Mode), an interrupt is generated if en-
abled (CTR2 D1), and a status bit (CTR2 D5) is set. Note
that global interrupts will override this function as de-
scribed in the interrupts section. If T16 is in Single-Pass
Mode, it is stopped at this point. If it is in Modulo-N Mode,
it is loaded with TC16H * 256 + TC16L and the counting
continues.
The user can modify the values in TC16H and TC16L at
any time. The new values take effect when they are load-
ed. Care must be taken not to load these registers at the
time the values are to be loaded into the counter/timer, to
ensure known operation. An initial count of 1 is not al-
lowed. An initial count of 0 will cause T16 to count from 0
to %FF FF to %FFFE. Transition from 0 to %FFFF is not a
time-out condition.
Figure 29. 16-bit Counter/Timer Circuits
Z8 Data Bus
Pos Edge
Neg Edge
CTR2 D2
IRQ3
CTR2 D1
T16_OUT
TC16L
TC16H
Clock
Select
SCLK
CTR2 D4, D3
Clock
16-Bit
Counter
T16
HI16
LO16
Z8 Data Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com