Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z86C7216FSC Datasheet(PDF) 34 Page - Zilog, Inc.

Part # Z86C7216FSC
Description  IR MICROCONTROLLER
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C7216FSC Datasheet(HTML) 34 Page - Zilog, Inc.

Back Button Z86C7216FSC Datasheet HTML 30Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 31Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 32Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 33Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 34Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 35Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 36Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 37Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 38Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 71 page
background image
Z86C72/C92/L72/L92
IR Microcontroller
Zilog
6-34
P R E L I M I N A R Y
DS97LVO0900
FUNCTIONAL DESCRIPTION (Continued)
Counter/Timer Register Description
HI8(D)H0B: Holds the captured data from the output of the
8-bit Counter/Timer0. This register is typically used to hold
the number of counts when the input signal is 1.
L08(D)H0A: Holds the captured data from the output of the
8-bit Counter/Timer0. This register is typically used to hold
the number of counts when the input signal is 0.
HI16(D)H09: Holds the captured data from the output of
the 16-bit Counter/Timer16. This register holds the MS-
Byte of the data.
L016(D)H08: Holds the captured data from the output of
the 16-bit Counter/Timer16. This register holds the LS-
Byte of the data.
TC16H(D)H07: Counter/Timer2 MS-Byte Hold Register.
TC16L(D)H06: Counter/Timer2 LS-Byte Hold Register.
TC8H(D)H05: Counter/Timer8 High Hold Register.
TC8L(D)H04: Counter/Timer8 Low Hold Register.
Expanded Register Group D
(D)H0C
Reserved
(D)H0B
HI8
(D)H0A
LO8
(D)H09
HI16
(D)H08
LO16
(D)H07
TC16H
(D)H06
TC16L
(D)H05
TC8H
(D)H04
TC8L
(D)H03
Reserved
(D)H02
CTR2
(D)H01
CTR1
(D)H00
CTR0
Field
Bit Position
Description
T8_Capture_HI
76543210
R
W
Captured Data
No Effect
Field
Bit Position
Description
T16_Capture_LO
76543210
R
W
Captured Data
No Effect
Field
Bit
Position
Description
T16_Capture_HI
76543210
R
W
Captured Data
No Effect
Field
Bit
Position
Description
T16_Capture_LO
76543210
R
W
Captured Data
No Effect
Field
Bit
Position
Description
T16_Data_HI
76543210
R
W
Data
Field
Bit
Position
Description
T16_Data_LO
76543210
R/W
Data
Field
Bit Position
Description
T8_Level_HI
76543210
R/W
Data
Field
Bit Position
Description
T8_Level_LO
76543210
R/W
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com