Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM3168APAP Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAP
Description  Audio Codec
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3168APAP Datasheet(HTML) 36 Page - Texas Instruments

Back Button PCM3168APAP Datasheet HTML 32Page - Texas Instruments PCM3168APAP Datasheet HTML 33Page - Texas Instruments PCM3168APAP Datasheet HTML 34Page - Texas Instruments PCM3168APAP Datasheet HTML 35Page - Texas Instruments PCM3168APAP Datasheet HTML 36Page - Texas Instruments PCM3168APAP Datasheet HTML 37Page - Texas Instruments PCM3168APAP Datasheet HTML 38Page - Texas Instruments PCM3168APAP Datasheet HTML 39Page - Texas Instruments PCM3168APAP Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 66 page
background image
PCM3168A
SBAS452A – SEPTEMBER 2008 – REVISED JANUARY 2016
www.ti.com
9.5 Register Maps
Table 12. Register Map
ADDRESS
DATA
DAC
HEX
B7
B6
B5
B4
B3
B2
B1
B0
64
40
MRST
SRST
—
—
—
—
SRDA1
SRDA0
65
41
PSMDA
MSDA2
MSDA1
MSDA0
FMTDA3
FMTDA2
FMTDA1
FMTDA0
66
42
OPEDA3
OPEDA2
OPEDA1
OPEDA0
FLT3
FLT2
FLT1
FLT0
67
43
REVDA8
REVDA7
REVDA6
REVDA5
REVDA4
REVDA3
REVDA2
REVDA1
68
44
MUTDA8
MUTDA7
MUTDA6
MUTDA5
MUTDA4
MUTDA3
MUTDA2
MUTDA1
69
45
ZERO8
ZERO7
ZERO6
ZERO5
ZERO4
ZERO3
ZERO2
ZERO1
70
46
ATMDDA
ATSPDA
DEMP1
DEMP0
AZRO2
AZRO1
AZRO0
ZREV
71
47
ATDA07
ATDA06
ATDA05
ATDA04
ATDA03
ATDA02
ATDA01
ATDA00
72
48
ATDA17
ATDA16
ATDA15
ATDA14
ATDA13
ATDA12
ATDA11
ATDA10
73
49
ATDA27
ATDA26
ATDA25
ATDA24
ATDA23
ATDA22
ATDA21
ATDA20
74
4A
ATDA37
ATDA36
ATDA35
ATDA34
ATDA33
ATDA32
ATDA31
ATDA30
75
4B
ATDA47
ATDA46
ATDA45
ATDA44
ATDA43
ATDA42
ATDA41
ATDA40
76
4C
ATDA57
ATDA56
ATDA55
ATDA54
ATDA53
ATDA52
ATDA51
ATDA50
77
4D
ATDA67
ATDA66
ATDA65
ATDA64
ATDA63
ATDA62
ATDA61
ATDA60
78
4E
ATDA77
ATDA76
ATDA75
ATDA74
ATDA73
ATDA72
ATDA71
ATDA70
79
4F
ATDA87
ATDA86
ATDA85
ATDA84
ATDA83
ATDA82
ATDA81
ATDA80
80
50
—
—
—
—
—
—
SRAD1
SRAD0
81
51
—
MSAD2
MSAD1
MSAD0
—
FMTAD2
FMTAD1
FMTAD0
82
52
—
PSVAD2
PSVAD1
PSVAD0
—
BYP2
BYP1
BYP0
83
53
—
—
SEAD6
SEAD5
SEAD4
SEAD3
SEAD2
SEAD1
84
54
—
—
REVAD6
REVAD5
REVAD4
REVAD3
REVAD2
REVAD1
85
55
—
—
MUTAD6
MUTAD5
MUTAD4
MUTAD3
MUTAD2
MUTAD1
86
56
—
—
OVF6
OVF5
OVF4
OVF3
OVF2
OVF1
87
57
ATMDAD
ATSPAD
—
—
—
—
—
OVFP
88
58
ATAD07
ATAD06
ATAD05
ATAD04
ATAD03
ATAD02
ATAD01
ATAD00
89
59
ATAD17
ATAD16
ATAD15
ATAD14
ATAD13
ATAD12
ATAD11
ATAD10
90
5A
ATAD27
ATAD26
ATAD25
ATAD24
ATAD23
ATAD22
ATAD21
ATAD20
91
5B
ATAD37
ATAD36
ATAD35
ATAD34
ATAD33
ATAD32
ATAD31
ATAD30
92
5C
ATAD47
ATAD46
ATAD45
ATAD44
ATAD43
ATAD42
ATAD41
ATAD40
93
5D
ATAD57
ATAD56
ATAD55
ATAD54
ATAD53
ATAD52
ATAD51
ATAD50
94
5E
ATAD67
ATAD66
ATAD65
ATAD64
ATAD63
ATAD62
ATAD61
ATAD60
36
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Product Folder Links: PCM3168A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com