Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM3168APAP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAP
Description  Audio Codec
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3168APAP Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM3168APAP Datasheet HTML 2Page - Texas Instruments PCM3168APAP Datasheet HTML 3Page - Texas Instruments PCM3168APAP Datasheet HTML 4Page - Texas Instruments PCM3168APAP Datasheet HTML 5Page - Texas Instruments PCM3168APAP Datasheet HTML 6Page - Texas Instruments PCM3168APAP Datasheet HTML 7Page - Texas Instruments PCM3168APAP Datasheet HTML 8Page - Texas Instruments PCM3168APAP Datasheet HTML 9Page - Texas Instruments PCM3168APAP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
PCM3168A
SBAS452A – SEPTEMBER 2008 – REVISED JANUARY 2016
www.ti.com
Pin Functions (continued)
PIN
PULL-
5-V
I/O
DESCRIPTION
DOWN
TOLERANT
NO.
NAME
Output data for SPI(2), address select 1 for I2C, mode select 1 for
44
MDO/ADR1/MD1
I/O
No
No
hardware control mode
Chip select for SPI, address select 0 for I2C, mode select 0 for
45
MS/ADR0/MD0
I
Yes
Yes
hardware control mode
46
VDD1
—
No
No
Digital power supply 1, 3.3 V
47
DGND1
—
No
No
Digital ground 1
Control port mode selection. Tied to VDD: SPI, pull-up: H/W single-
48
MODE
I
No
No
ended input, pull-down: H/W and differential input, tied to DGND:
I2C
49
VCCAD1
—
No
No
ADC analog power supply 1, 5 V
50
AGNDAD1
—
No
No
Analog ground 1 for ADC
51
VIN1–
I
No
No
Negative analog input to ADC1
52
VIN1+
I
No
No
Positive analog input to ADC1
53
VIN2–
I
No
No
Negative analog input to ADC2
54
VIN2+
I
No
No
Positive analog input to ADC2
55
VIN3–
I
No
No
Negative analog input to ADC3
56
VIN3+
I
No
No
Positive analog input to ADC3
57
VIN4–
I
No
No
Negative analog input to ADC4
58
VIN4+
I
No
No
Positive analog input to ADC4
59
VREFAD1
—
No
No
ADC analog reference voltage 1 decoupling
60
VREFAD2
—
No
No
ADC analog reference voltage 2 decoupling
61
VIN5–
I
No
No
Negative analog input to ADC5
62
VIN5+
I
No
No
Positive analog input to ADC5
63
VIN6–
I
No
No
Negative analog input to ADC6
64
VIN6+
I
No
No
Positive analog input to ADC6
(2)
3-state (Hi-Z) operation in SPI.
6
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Product Folder Links: PCM3168A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com