Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM3168APAP Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAP
Description  Audio Codec
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3168APAP Datasheet(HTML) 49 Page - Texas Instruments

Back Button PCM3168APAP Datasheet HTML 45Page - Texas Instruments PCM3168APAP Datasheet HTML 46Page - Texas Instruments PCM3168APAP Datasheet HTML 47Page - Texas Instruments PCM3168APAP Datasheet HTML 48Page - Texas Instruments PCM3168APAP Datasheet HTML 49Page - Texas Instruments PCM3168APAP Datasheet HTML 50Page - Texas Instruments PCM3168APAP Datasheet HTML 51Page - Texas Instruments PCM3168APAP Datasheet HTML 52Page - Texas Instruments PCM3168APAP Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
PCM3168A
www.ti.com
SBAS452A – SEPTEMBER 2008 – REVISED JANUARY 2016
Table 28. Register: ADC Overflow Flag
DEC
HEX
B7
B6
B5
B4
B3
B2
B1
B0
86
56
—
—
OVF6
OVF5
OVF4
OVF3
OVF2
OVF1
OVF[6:1]
ADC Overflow flag (read-only)
These bits indicate the status information of an overflow detect circuit for each ADC channel; these bits are read only. 1
means an overflow has been detected in the past, and reading this register resets all OVF bits.
OVF
ADC Overflow flag
xx xxx0
ADC1 overflow input not detected
xx xxx1
ADC1 overflow input detected
xx xx0x
ADC2 overflow input not detected
xx xx1x
ADC2 overflow input detected
xx x0xx
ADC3 overflow input not detected
xx x1xx
ADC3 overflow input detected
xx 0xxx
ADC4 overflow input not detected
xx 1xx3x
ADC4 overflow input detected
x0 xxxx
ADC5 overflow input not detected
x1 xxxx
ADC5 overflow input detected
0x xxxx
ADC6 overflow input not detected
1x xxxx
ADC6 overflow input detected
Table 29. Register: ADC Control 3
DEC
HEX
B7
B6
B5
B4
B3
B2
B1
B0
87
57
ATMDAD
ATSPAD
—
—
—
—
—
OVFP
ATMDAD
ADC Attenuation mode
This bit controls the ADC attenuation mode. ATAD1[7:0] to ATAD6[7:0] are simply used for ATMDAD = 0, and
ATAD0[7:0] + ATAD1[7:0] to ATAD0[7:0] + ATAD6[7:0] in decibel number are used for ATMDAD = 1.
Default value: 0.
ATMDAD
ADC Attenuation mode
0
Each channel with independent data (default)
1
All channels with preset (independent) data + master (common) data in decibel number
ATSPAD
ADC Attenuation speed
This bit controls the ADC attenuation Speed, N × 2048/fS for ATSPAD = 0 and N × 4096/fS for ATSPAD = 1. N is
automatically selected according to the ADC sampling mode, SRAD: N = 1 for single and N = 2 for dual rate.
Default value: 0.
ATSPAD
ADC Attenuation speed
0
N × 2048/fS (default)
1
N × 4096/fS
OVFP
ADC Overflow flag polarity select
This bit controls the polarity of the overflow flag pin.
Default value: 0.
OVFP
ADC Overflow flag polarity select
0
High for overflow detect (default)
1
Low for overflow detect
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: PCM3168A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com