Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM3168APAP Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAP
Description  Audio Codec
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3168APAP Datasheet(HTML) 39 Page - Texas Instruments

Back Button PCM3168APAP Datasheet HTML 35Page - Texas Instruments PCM3168APAP Datasheet HTML 36Page - Texas Instruments PCM3168APAP Datasheet HTML 37Page - Texas Instruments PCM3168APAP Datasheet HTML 38Page - Texas Instruments PCM3168APAP Datasheet HTML 39Page - Texas Instruments PCM3168APAP Datasheet HTML 40Page - Texas Instruments PCM3168APAP Datasheet HTML 41Page - Texas Instruments PCM3168APAP Datasheet HTML 42Page - Texas Instruments PCM3168APAP Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
PCM3168A
www.ti.com
SBAS452A – SEPTEMBER 2008 – REVISED JANUARY 2016
Table 15. Register: DAC Control 1
DEC
HEX
B7
B6
B5
B4
B3
B2
B1
B0
65
41
PSMDA
MSDA2
MSDA1
MSDA0
FMTDA3
FMTDA2
FMTDA1
FMTDA0
PSMDA
DAC Power-save mode select
This bit selects the power-save mode for the OPEDA[3:0] function. OPEDA[3:0] is the control of power-save mode and
normal operation for PSMDA = 0, or OPEDA[3:0] works as the control of DAC disable (not power-save mode) and normal
operation for PSMDA = 1.
Default value: 0.
PSMDA
DAC Power-save mode select
0
Power-save enable mode (default)
1
Power-save disable mode
MSDA[2:0]
DAC Master/slave mode select
These bits control the audio interface mode for DAC operation.
Default value: 000 (slave mode).
MSDA
DAC Master/slave mode select
000
Slave mode (default)
001
Master mode, 768 fS
010
Master mode, 512 fS
011
Master mode, 384 fS
100
Master mode, 256 fS
101
Master mode, 192 fS
110
Master mode, 128 fS
111
Reserved
FMTDA[3:0]
DAC Audio interface format select
These bits control the audio interface format for DAC operation. Details of the format, and any related restrictions with the
system clock and master/slave mode, are described in Audio Data Interface Formats and Timing.
Default value: 0000 (24-bit I2S format).
FMTDA
DAC Audio interface format select
0000
24-bit I2S format (default)
0001
24-bit left-justified format
0010
24-bit right-justified format
0011
16-bit right-justified format
0100
24-bit I2S mode DSP format
0101
24-bit left-justified mode DSP format
0110
24-bit I2S mode TDM format
0111
24-bit left-justified mode TDM format
1000
24-bit high-speed I2S mode TDM format
1001
24-bit high-speed left-justified mode TDM format
101x
Reserved
11xx
Reserved
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: PCM3168A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com