Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADF5904WCCPZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADF5904WCCPZ
Description  4-Channel, 24 GHz,Receiver Downconverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5904WCCPZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADF5904WCCPZ Datasheet HTML 2Page - Analog Devices ADF5904WCCPZ Datasheet HTML 3Page - Analog Devices ADF5904WCCPZ Datasheet HTML 4Page - Analog Devices ADF5904WCCPZ Datasheet HTML 5Page - Analog Devices ADF5904WCCPZ Datasheet HTML 6Page - Analog Devices ADF5904WCCPZ Datasheet HTML 7Page - Analog Devices ADF5904WCCPZ Datasheet HTML 8Page - Analog Devices ADF5904WCCPZ Datasheet HTML 9Page - Analog Devices ADF5904WCCPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ADF5904
Data Sheet
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
24 GND
23 RX3_RF
22 GND
21 AVDD
20 GND
19 RX4_RF
18 GND
17 RX4_O
1
2
3
4
5
6
7
8
GND
RX1_RF
GND
AVDD
GND
RX2_RF
GND
RX2_O
TOP VIEW
(Not to Scale)
ADF5904
NOTES
1. THE LFCSP HAS AN EXPOSED PAD
THAT MUST BE CONNECTED TO GND.
Figure 4. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 3, 5, 7, 18, 20,
22, 24, 28, 30
GND
Ground Pins.
2
RX1_RF
Channel 1 RF Input.
4, 21, 27
AVDD
Analog Power Supply. The supply range is 3.3 V ± 5%. Place decoupling capacitors (0.1 µF, 1 nF, and 10 pF)
to the ground plane as close as possible to this pin.
6
RX2_RF
Channel 2 RF Input.
8
RX2_O
Channel 2 Baseband Output.
9
RX2_OB
Channel 2 Complementary Baseband Output.
10
LE
Load Enable, CMOS Input. When LE goes high, data stored in the shift registers is loaded into one of the
four latches; the control bits select the latch.
11
CLK
Serial Clock Input. This serial clock clocks in the serial data to the registers. Data latches into the 32-bit
shift register on the CLK rising edge. This input is a high impedance CMOS input.
12
DATA
Serial Data Input. The serial data loads MSB first and the two LSBs are the control bits.
This input is a high impedance CMOS input.
13
CE
Chip Enable. A logic low on this pin powers down the device.
14
DOUT
Serial Data Output.
15
ATEST
Analog Test Output
16
RX4_OB
Channel 4 Complementary Baseband Output.
17
RX4_O
Channel 4 Baseband Output.
19
RX4_RF
Channel 4 RF Input.
23
RX3_RF
Channel 3 RF Input.
25
RX3_O
Channel 3 Baseband Output.
26
RX3_OB
Channel 3 Complementary Baseband Output.
29
LO_IN
Local Oscillator Input.
31
RX1_OB
Channel 1 Complementary Baseband Output.
32
RX1_O
Channel 1 Baseband Output.
EPAD
Exposed Pad. The LFCSP has an exposed pad that must be connected to GND.
Rev. 0 | Page 6 of 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com