Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADF5904WCCPZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADF5904WCCPZ
Description  4-Channel, 24 GHz,Receiver Downconverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5904WCCPZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF5904WCCPZ Datasheet HTML 4Page - Analog Devices ADF5904WCCPZ Datasheet HTML 5Page - Analog Devices ADF5904WCCPZ Datasheet HTML 6Page - Analog Devices ADF5904WCCPZ Datasheet HTML 7Page - Analog Devices ADF5904WCCPZ Datasheet HTML 8Page - Analog Devices ADF5904WCCPZ Datasheet HTML 9Page - Analog Devices ADF5904WCCPZ Datasheet HTML 10Page - Analog Devices ADF5904WCCPZ Datasheet HTML 11Page - Analog Devices ADF5904WCCPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ADF5904
Data Sheet
IF FREQUENCY (Hz)
–15
–10
–5
0
5
10
15
20
1k
10k
100k
1M
10M
OP1dB
IP1dB
–40°C
+25°C
+105°C
Figure 11. P1dB vs. IF Frequency, LO Frequency = 24 GHz at −5 dBm
INPUT POWER (dBm)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
20
30
40
50
–40
–35
–30
–25
–20
–15
–10
–5
0
5
10
IIP3 5dBm
Figure 12. Output Power vs. Input Power, IIP3 LO Frequency = 24.125 GHz at
−5 dBm, Rx Frequency = LO + 100 kHz and LO + 200 kHz
IF FREQUENCY (Hz)
0
5
10
15
20
25
30
100
1k
10k
100k
1M
10M
–40°C
+25°C
+105°C
Figure 13. Gain vs. IF Frequency, Rx Power = −50 dBm and
LO Frequency = 24 GHz at −5 dBm
TEMPERATURE (°C)
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
–40
–20
0
20
40
60
80
100
120
Figure 14. Temperature Sensor Voltage on ATEST
Rev. 0 | Page 8 of 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com