Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADF5904WCCPZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADF5904WCCPZ
Description  4-Channel, 24 GHz,Receiver Downconverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5904WCCPZ Datasheet(HTML) 3 Page - Analog Devices

  ADF5904WCCPZ Datasheet HTML 1Page - Analog Devices ADF5904WCCPZ Datasheet HTML 2Page - Analog Devices ADF5904WCCPZ Datasheet HTML 3Page - Analog Devices ADF5904WCCPZ Datasheet HTML 4Page - Analog Devices ADF5904WCCPZ Datasheet HTML 5Page - Analog Devices ADF5904WCCPZ Datasheet HTML 6Page - Analog Devices ADF5904WCCPZ Datasheet HTML 7Page - Analog Devices ADF5904WCCPZ Datasheet HTML 8Page - Analog Devices ADF5904WCCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Data Sheet
ADF5904
SPECIFICATIONS
AVDD = 3.3 V ± 5%, GND = 0 V, dBm referred to 50 Ω, TA = TMAX to TMIN, unless otherwise noted. Operating temperature range is −40°C
to +105°C.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
OPERATING CONDITIONS
LO and RF Frequency Range
24
24.25
GHz
LO INPUT
Input Return Loss (S11)
−5
dB
LO Input Level
−8
−5
+5
dBm
BASEBAND OUTPUTS
Voltage Conversion Gain
22
dB
Measured differentially
Demodulation Bandwidth
10
MHz
Maximum capacitance = 10 pF
Output DC Offset (Differential)
±20
mV
Output Common Mode
AVDD − 1.0
V
Output Swing
2
V peak
Differential 900 Ω load
Channel to Channel Phase Mismatch over
Temperature
±5
Degrees
DYNAMIC PERFORMANCE, RF = 24.125 GHz
Conversion Gain
22
dB
Input P1dB
−10
dBm
RF Input Return Loss
−5
dB
Second-Order Input Intercept
IIP2
20
dBm
Third-Order Input Intercept
IIP3
0
dBm
LO to RF Isolation
30
dB
Terminated in 50 Ω
RF to IF Isolation
30
dB
Noise Figure
10
dB
Double sideband (DSB) at 100 kHz
Noise Figure Under Blocking Conditions
15
dB
With a −30 dBm input interferer at
5 MHz offset from carrier (DSB)
LOGIC INPUTS
Input Voltage
High
VIH
1.4
V
Low
VIL
0.6
V
Input Current
IINH, IINL
±1
µA
Input Capacitance
CIN
10
pF
LOGIC OUTPUTS
Output Voltage
High
VOH
VDD − 0.4
V
VDD selected from the DOUT VSEL
bit (Bit DB8, Register 0)
Low
VOL
0.4
V
Output Current
High
IOH
500
µA
Low
IOL
500
µA
TEMPERATURE SENSOR
Analog Accuracy
±5
°C
Following one-point calibration
Sensitivity
4.243
mV/°C
POWER SUPPLIES
AVDD
170
mA
Power-Down Current
100
µA
Rev. 0 | Page 3 of 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com