Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADF5904WCCPZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADF5904WCCPZ
Description  4-Channel, 24 GHz,Receiver Downconverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5904WCCPZ Datasheet(HTML) 1 Page - Analog Devices

  ADF5904WCCPZ Datasheet HTML 1Page - Analog Devices ADF5904WCCPZ Datasheet HTML 2Page - Analog Devices ADF5904WCCPZ Datasheet HTML 3Page - Analog Devices ADF5904WCCPZ Datasheet HTML 4Page - Analog Devices ADF5904WCCPZ Datasheet HTML 5Page - Analog Devices ADF5904WCCPZ Datasheet HTML 6Page - Analog Devices ADF5904WCCPZ Datasheet HTML 7Page - Analog Devices ADF5904WCCPZ Datasheet HTML 8Page - Analog Devices ADF5904WCCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
4-Channel, 24 GHz,
Receiver Downconverter
Data Sheet
ADF5904
FEATURES
Integrated baluns for single-ended receiver (Rx) inputs and
local oscillator (LO) input
Rx channel gain: 22 dB
Noise figure (NF): 10 dB
P1dB: −10 dBm
LO input range: −8 dBm to +5 dBm
Rx to IF isolation: 30 dB
RF signal bandwidth: 250 MHz
Rx output impedance: 900 Ω differential
LO input buffer: 24 GHz
RF and LO S11 at 50 Ω: −5 dB
Temperature sensor with analog output: ±5°
Electric static distortion (ESD) performance
Human body model (HBM): 1000 V
Charged device model (CDM): 500 V
Qualified for automotive applications
APPLICATIONS
Automotive radars
Industrial radars
Microwave (µW) radar sensors
GENERAL DESCRIPTION
The ADF5904 is a 4-channel, 24 GHz, receiver downconverter.
Each channel contains a single-ended RF input with an on-chip
balun followed by a differential low noise amplifier (LNA) and a
downconverter mixer with differential output buffers. The RF
LO path also has an on-chip balun.
Control of the on-chip registers is through a simple 3-wire
interface.
The ADF5904 comes in a compact 32-lead, 5 mm × 5 mm
LFCSP package.
FUNCTIONAL BLOCK DIAGRAM
DATA
LE
CLK
CE
AVDD
GND
RX1_RF
RX2_RF
RX3_RF
LO_IN
ATEST
BALUN
LNA
BALUN
LNA
BALUN
LNA
BALUN
LNA
RX4_RF
TEMP
SENSOR
BALUN
DOUT
32-BIT DATA
REGISTER
ADF5904
Figure 1.
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - ADF5904WCCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF5904WCCPZ AD-ADF5904WCCPZ Datasheet
363Kb / 15P
4-Channel, 24 GHz, Receiver Downconverter
Rev. A
ADF5904WCCPZ-RL7 AD-ADF5904WCCPZ-RL7 Datasheet
363Kb / 15P
4-Channel, 24 GHz, Receiver Downconverter
Rev. A
ADF5904WCCPZ-U4 AD-ADF5904WCCPZ-U4 Datasheet
1Mb / 28P
Evaluation Board for the ADF5901, ADF5904, and ADF4159 Chipset for a 24 GHz FMCW Radar
Rev. B
More results

Similar Description - ADF5904WCCPZ

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC572 HITTITE-HMC572 Datasheet
264Kb / 8P
GaAs MMIC I/Q DOWNCONVERTER 24 - 28 GHz
HMC967LP4E HITTITE-HMC967LP4E Datasheet
1Mb / 12P
GaAs MMIC I/Q DOWNCONVERTER 21 - 24 GHz
HMC572 HITTITE-HMC572_09 Datasheet
269Kb / 8P
GaAs MMIC I/Q DOWNCONVERTER 24 - 28 GHz
HMC572LC5 HITTITE-HMC572LC5 Datasheet
238Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 24 - 28 GHz
HMC904LC5 HITTITE-HMC904LC5 Datasheet
570Kb / 12P
GaAs MMIC I/Q DOWNCONVERTER 17 - 24 GHz
HMC967LP4E HITTITE-HMC967LP4E_11 Datasheet
889Kb / 12P
GaAs MMIC I/Q DOWNCONVERTER 21 - 24 GHz
logo
Analog Devices
UG-791 AD-UG-791 Datasheet
714Kb / 14P
Evaluation Board for the ADF5904 4-Channel, 24 GHz Receiver Downconverter
REV. 0
ADMV1014 AD-ADMV1014 Datasheet
2Mb / 42P
24 GHz to 44 GHz, Wideband, Microwave Downconverter
4/2019-Rev. 0 to Rev. A
ADMV1012 AD-ADMV1012 Datasheet
441Kb / 19P
17.5 GHz to 24 GHz, GaAs, MMIC, I/Q Downconverter
2/2018-Rev. 0 to Rev. A
ADF5904 AD-ADF5904_V01 Datasheet
363Kb / 15P
4-Channel, 24 GHz, Receiver Downconverter
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com