Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M35B32-WDW3TP Datasheet(PDF) 6 Page - STMicroelectronics

Part # M35B32-WDW3TP
Description  32 Kbit, 256-byte page, fast program EEPROM memory accessed by SPI bus interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M35B32-WDW3TP Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M35B32-WDW3TP Datasheet HTML 2Page - STMicroelectronics M35B32-WDW3TP Datasheet HTML 3Page - STMicroelectronics M35B32-WDW3TP Datasheet HTML 4Page - STMicroelectronics M35B32-WDW3TP Datasheet HTML 5Page - STMicroelectronics M35B32-WDW3TP Datasheet HTML 6Page - STMicroelectronics M35B32-WDW3TP Datasheet HTML 7Page - STMicroelectronics M35B32-WDW3TP Datasheet HTML 8Page - STMicroelectronics M35B32-WDW3TP Datasheet HTML 9Page - STMicroelectronics M35B32-WDW3TP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
Description
M35B32
6/44
DocID18391 Rev 4
1
Description
The M35B32 is a 32-Kbit electrically erasable programmable memory (EEPROM) accessed
through the SPI bus.
The M35B32 is able to save and store up to 256 bytes within a very short time with the help
of the Event sector, this feature being convenient in cases of an unexpected power loss or if
an urgent data storage is required. The fast storage is performed with a very low energy
budget as the Program time lasts less than 1 ms and as the supply voltage can be as low as
2.5 V associated with a low Programming current (the M35B32 is based on EEPROM cells,
energy-saving technology when compared to the Flash technology).
Memory organization
The M35B32 is split into two sectors:
•
the Data sector: standard EEPROM which can be written(a) by page (1 to 256 bytes at
a time) with a standard write time and a standard retention time,
•
the Event sector: data bytes which can be programmed(b) by page (1 to 256 bytes at a
time) with a fast programming time and a limited retention time.
The time required to update data is significantly reduced by the Page size (256 bytes) as a
page is updated in a single shot.
Both Data sector and Event sector can be erased either a page at a time (using the Page
Erase instruction) or a sector at a time (using the Sector Erase instruction).
The size of each sector is defined by the user.
Figure 1. Logic diagram
a. Write cycle = 2 cycles = Erase + Program
b. Program cycle = single cycle (a Write cycle includes two cycles: Erase cycle + Program cycle)
RESET
AI15472
S
VCC
M35B32
VSS
W
Q
C
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com