Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M35B32-WDW3TP Datasheet(PDF) 1 Page - STMicroelectronics

Part # M35B32-WDW3TP
Description  32 Kbit, 256-byte page, fast program EEPROM memory accessed by SPI bus interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M35B32-WDW3TP Datasheet(HTML) 1 Page - STMicroelectronics

  M35B32-WDW3TP Datasheet HTML 1Page - STMicroelectronics M35B32-WDW3TP Datasheet HTML 2Page - STMicroelectronics M35B32-WDW3TP Datasheet HTML 3Page - STMicroelectronics M35B32-WDW3TP Datasheet HTML 4Page - STMicroelectronics M35B32-WDW3TP Datasheet HTML 5Page - STMicroelectronics M35B32-WDW3TP Datasheet HTML 6Page - STMicroelectronics M35B32-WDW3TP Datasheet HTML 7Page - STMicroelectronics M35B32-WDW3TP Datasheet HTML 8Page - STMicroelectronics M35B32-WDW3TP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
This is preliminary information on a new product foreseen to be developed. Details are subject to change without notice.
May 2015
DocID18391 Rev 4
1/44
M35B32
32 Kbit, 256-byte page, fast program EEPROM memory
accessed by SPI bus interface
Datasheet
- target specification
Features
• SPI bus compatible serial interface
• 32 Kbit of EEPROM divided into two sectors:
– Data sector
– Event sector
• Large page size: 256 bytes
• Fast programming:
– Event sector: 256 bytes programmed in
less than 1 ms
– Data sector: 256 bytes written in less than
5 ms
• Low energy EEPROM in either Read, Write,
Program or Erase modes
• 2.5 V to 5.5 V single supply voltage
• Operating temperature range:
• – 40°C to +85°C
• – 40°C to +125°C
• Operating frequency, fC = 20 MHz
• Electronic signature: 20 10 0Ch
• Data cycling:
– Data sector: more than 1 Million write
cycles
– Event sector: more than 10 000 write
cycles
• Data retention:
– Data sector: more than 40 years’ data
retention
– Event sector: 1 year
Packages
• SO8 ECOPACK®2
• TSSOP8 ECOPACK®2
• UFDFPN8 ECOPACK®2
SO8 (MN)
150 mil width
UFDFPN8 (MC)
2 x 3 mm
TSSOP8 (DW)
169 mil width
www.st.com


Similar Part No. - M35B32-WDW3TP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M35 VISHAY-M35 Datasheet
75Kb / 5P
Wet Tantalum Capacitors Surface Mount, Molded Case
09-Sep-09
logo
PETERMANN-TECHNIK
M3500 PETERMANN-M3500 Datasheet
134Kb / 3P
HIGH RELIABILITY FOR LOW COST
logo
Micronetics, Inc.
M3500-0102 MICRONETICS-M3500-0102 Datasheet
44Kb / 1P
100-200 MHZ TYPICAL OUTPUT FREQUENCY / MODULATION SENSITIVITY VERSUS TUNING VOLTAGE
M3500-0204 MICRONETICS-M3500-0204 Datasheet
45Kb / 1P
200-400 MHZ TYPICAL OUTPUT FREQUENCY / MODULATION SENSITIVITY VERSUS TUNING VOLTAGE
M3500-0305 MICRONETICS-M3500-0305 Datasheet
44Kb / 1P
300-500 MHZ TYPICAL OUTPUT FREQUENCY / MODULATION SENSITIVITY VERSUS TUNING VOLTAGE
More results

Similar Description - M35B32-WDW3TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95256 STMICROELECTRONICS-M95256 Datasheet
345Kb / 39P
256 Kbit Serial SPI bus EEPROM with high speed clock
21-Oct-2004
M95256_0807 STMICROELECTRONICS-M95256_0807 Datasheet
391Kb / 44P
256 Kbit serial SPI bus EEPROM with high-speed clock
15-Jul-2008
M95256-DR STMICROELECTRONICS-M95256-DR Datasheet
504Kb / 48P
256 Kbit serial SPI bus EEPROM with high-speed clock
07-Sep-2010
logo
ATMEL Corporation
AT25F512 ATMEL-AT25F512_14 Datasheet
268Kb / 18P
Byte Mode and 256-byte Page Mode for Program Operations
AT25F1024 ATMEL-AT25F1024_14 Datasheet
268Kb / 18P
Byte Mode and 256-byte Page Mode for Program Operations
AT25F1024A ATMEL-AT25F1024A_14 Datasheet
623Kb / 20P
Byte Mode and 256-byte Page Mode for Program Operations
AT25F2048 ATMEL-AT25F2048_14 Datasheet
495Kb / 19P
Byte Mode and 256-byte Page Mode for Program Operations
AT25F4096 ATMEL-AT25F4096_14 Datasheet
358Kb / 19P
Byte Mode and 256-byte Page Mode for Program Operations
logo
STMicroelectronics
M95256-DRE STMICROELECTRONICS-M95256-DRE Datasheet
750Kb / 41P
256-Kbit serial SPI bus EEPROM - 105 C Operation
09-Feb-2015
M95256-W STMICROELECTRONICS-M95256-W Datasheet
607Kb / 51P
256-Kbit serial SPI bus EEPROM with high-speed clock
22-Mar-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com