Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M35B32-WDW3TP Datasheet(PDF) 29 Page - STMicroelectronics

Part # M35B32-WDW3TP
Description  32 Kbit, 256-byte page, fast program EEPROM memory accessed by SPI bus interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M35B32-WDW3TP Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M35B32-WDW3TP Datasheet HTML 25Page - STMicroelectronics M35B32-WDW3TP Datasheet HTML 26Page - STMicroelectronics M35B32-WDW3TP Datasheet HTML 27Page - STMicroelectronics M35B32-WDW3TP Datasheet HTML 28Page - STMicroelectronics M35B32-WDW3TP Datasheet HTML 29Page - STMicroelectronics M35B32-WDW3TP Datasheet HTML 30Page - STMicroelectronics M35B32-WDW3TP Datasheet HTML 31Page - STMicroelectronics M35B32-WDW3TP Datasheet HTML 32Page - STMicroelectronics M35B32-WDW3TP Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
DocID18391 Rev 4
29/44
M35B32
Power-up and power-down
43
7
Power-up and power-down
7.1
Supply voltage (VCC)
7.1.1
Operating supply voltage VCC
Prior to selecting the memory and issuing instructions to it, a valid and stable VCC voltage
within the specified [VCC(min), VCC(max)] range must be applied (see Table 6). In order to
secure a stable DC supply voltage, it is recommended to decouple the VCC line with a
suitable capacitor (usually of the order of 10 nF to 100 nF) close to the VCC/VSS package
pins.
This voltage must remain stable and valid until the end of the transmission of the instruction
and, for write, program and erase instructions, until the completion of the internal write,
program or erase cycle, respectively.
7.1.2
Power-up conditions
When the power supply is turned on, VCC continuously rises from VSS to VCC. During this
time, the Chip Select (S) line is not allowed to float but should follow the VCC voltage, it is
therefore recommended to connect the S line to VCC via a suitable pull-up resistor.
In addition, the Chip Select (S) input offers a built-in safety feature, as this input is edge-
sensitive as well as level-sensitive: after power-up, the device does not become selected
until a falling edge has first been detected on Chip Select (S). This ensures that Chip Select
(S) must have been high, prior to going low to start the first operation.
The VCC rise time must not vary faster than 1 V/µs.
7.1.3
Internal reset during power up
In order to prevent inadvertent write operations during power-up (continuous rise of VCC), a
power on reset (POR) circuit is included. At power-up, the device does not respond to any
instruction until the VCC has reached the power on reset threshold voltage (this threshold is
lower than the minimum VCC operating voltage defined in Table 6).
Until VCC has passed over the POR threshold, the device is reset, then the device is in the
following state:
•
Standby Power mode
•
deselected (at next power-up, a falling edge is required on Chip Select (S) before any
instruction can be started)
•
Status register:
–
the Write Enable Latch (WEL) is reset to 0
–
the Write In Progress (WIP) is reset to 0
The BP3, BP2, BP1 and BP0 bits of the Status Register are unchanged from the previous
power down (they are non-volatile bits).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com