Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M35B32-WDW3TP Datasheet(PDF) 10 Page - STMicroelectronics

Part # M35B32-WDW3TP
Description  32 Kbit, 256-byte page, fast program EEPROM memory accessed by SPI bus interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M35B32-WDW3TP Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M35B32-WDW3TP Datasheet HTML 6Page - STMicroelectronics M35B32-WDW3TP Datasheet HTML 7Page - STMicroelectronics M35B32-WDW3TP Datasheet HTML 8Page - STMicroelectronics M35B32-WDW3TP Datasheet HTML 9Page - STMicroelectronics M35B32-WDW3TP Datasheet HTML 10Page - STMicroelectronics M35B32-WDW3TP Datasheet HTML 11Page - STMicroelectronics M35B32-WDW3TP Datasheet HTML 12Page - STMicroelectronics M35B32-WDW3TP Datasheet HTML 13Page - STMicroelectronics M35B32-WDW3TP Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
SPI modes
M35B32
10/44
DocID18391 Rev 4
3
SPI modes
These devices can be driven by a microcontroller with its SPI peripheral running in either of
the two following modes:
•
CPOL=0, CPHA=0
•
CPOL=1, CPHA=1
For these two modes, input data is latched in on the rising edge of Serial Clock (C), and
output data is available from the falling edge of Serial Clock (C).
The difference between the two modes, as shown in Figure 3, is the clock polarity when the
bus master is in Standby mode and not transferring data:
•
C remains at 0 for (CPOL=0, CPHA=0)
•
C remains at 1 for (CPOL=1, CPHA=1)
Figure 3. SPI modes supported
AI01438B
C
MSB
CPHA
D
0
1
CPOL
0
1
Q
C
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com