Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC560D30L3 Datasheet(PDF) 71 Page - STMicroelectronics

Part # SPC560D30L3
Description  32-bit MCU family built on the Power Architecture for automotive body electronics applications
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560D30L3 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button SPC560D30L3 Datasheet HTML 67Page - STMicroelectronics SPC560D30L3 Datasheet HTML 68Page - STMicroelectronics SPC560D30L3 Datasheet HTML 69Page - STMicroelectronics SPC560D30L3 Datasheet HTML 70Page - STMicroelectronics SPC560D30L3 Datasheet HTML 71Page - STMicroelectronics SPC560D30L3 Datasheet HTML 72Page - STMicroelectronics SPC560D30L3 Datasheet HTML 73Page - STMicroelectronics SPC560D30L3 Datasheet HTML 74Page - STMicroelectronics SPC560D30L3 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 90 page
background image
SPC560D30x, SPC56040Dx
Electrical characteristics
Doc ID 16315 Rev 7
71/90
t
CSC
CC
D
Internal delay between pad
associated to SCK and pad
associated to CSn in master
mode
Master mode
130(2)
ns
t
ASC
CC
D
Internal delay between pad
associated to SCK and pad
associated to CSn in master
mode for CSn1
1
Master mode
130(2)
ns
2tCSCext
(3)
SR
D CS to SCK delay
Slave mode
32
ns
3tASCext
(4)
SR
D After SCK delay
Slave mode
1/fDSPI + 5
ns
4tSDC
CC
D
SCK duty cycle
Master mode
tSCK/2
ns
SR
D
Slave mode
tSCK/2
5tA
SR
D Slave access time
1/fDSPI +70
ns
6tDI
SR
D Slave SOUT disable time
7
ns
7tPCSC
SR
D PCSx to PCSS time
0
ns
8tPASC
SR
D PCSS to PCSx time
0
ns
9tSUI
SR
D Data setup time for inputs
Master mode
43
ns
Slave mode
5
10
tHI
SR
D Data hold time for inputs
Master mode
0
ns
Slave mode
2(5)
——
11
tSUO
(6)
CC
D Data valid after SCK edge
Master mode
32
ns
Slave mode
52
12
tHO
(6)
CC
D Data hold time for outputs
Master mode
0
ns
Slave mode
8
1.
Operating conditions: COUT = 10 to 50 pF, SlewIN = 3.5 to 15 ns
2.
Maximum is reached when CSn pad is configured as SLOW pad while SCK pad is configured as MEDIUM pad
3.
The tCSC delay value is configurable through a register. When configuring tCSC (using PCSSCK and CSSCK fields in
DSPI_CTARx registers), delay between internal CS and internal SCK must be higher than
t
CSC to ensure positive tCSCext.
4.
The tASC delay value is configurable through a register. When configuring tASC (using PASC and ASC fields in
DSPI_CTARx registers), delay between internal CS and internal SCK must be higher than
t
ASC to ensure positive tASCext.
5.
This delay value corresponds to SMPL_PT = 00b which is bit field 9 and 8 of DSPI_MCR.
6.
SCK and SOUT configured as MEDIUM pad
Table 44.
DSPI characteristics(1) (continued)
No.
Symbol
C
Parameter
DSPI0/DSPI1
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com