Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC560D30L3 Datasheet(PDF) 30 Page - STMicroelectronics

Part # SPC560D30L3
Description  32-bit MCU family built on the Power Architecture for automotive body electronics applications
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560D30L3 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button SPC560D30L3 Datasheet HTML 26Page - STMicroelectronics SPC560D30L3 Datasheet HTML 27Page - STMicroelectronics SPC560D30L3 Datasheet HTML 28Page - STMicroelectronics SPC560D30L3 Datasheet HTML 29Page - STMicroelectronics SPC560D30L3 Datasheet HTML 30Page - STMicroelectronics SPC560D30L3 Datasheet HTML 31Page - STMicroelectronics SPC560D30L3 Datasheet HTML 32Page - STMicroelectronics SPC560D30L3 Datasheet HTML 33Page - STMicroelectronics SPC560D30L3 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 90 page
background image
Electrical characteristics
SPC560D30x, SPC56040Dx
30/90
Doc ID 16315 Rev 7
4.4
Absolute maximum ratings
Note:
Stresses exceeding the recommended absolute maximum ratings may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the operational sections of this
specification are not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability. During overload conditions (VIN >VDD or VIN <VSS),
the voltage on pins with respect to ground (VSS) must not exceed the recommended values.
Table 11.
Absolute maximum ratings
Symbol
Parameter
Conditions
Value
Unit
Min
Max
VSS
SR Digital ground on VSS_HV pins
0
0
V
VDD
SR
Voltage on VDD_HV pins with respect to
ground (VSS)
0.3
6.0
V
VSS_LV SR
Voltage on VSS_LV (low voltage digital
supply) pins with respect to ground (VSS)
—VSS  0.1 VSS +0.1 V
VDD_BV SR
Voltage on VDD_BV (regulator supply)
pin with respect to ground (VSS)
0.3
6.0
V
Relative to VDD
VDD  0.3 VDD +0.3
VSS_ADC SR
Voltage on VSS_HV_ADC (ADC
reference) pin with respect to ground
(VSS)
—VSS  0.1 VSS +0.1 V
VDD_ADC SR
Voltage on VDD_HV_ADC (ADC
reference) pin with respect to ground
(VSS)
0.3
6.0
V
Relative to VDD
VDD  0.3 VDD +0.3
VIN
SR
Voltage on any GPIO pin with respect to
ground (VSS)
0.3
6.0
V
Relative to VDD
VDD  0.3 VDD +0.3
IINJPAD SR
Injected input current on any pin during
overload condition
10
10
mA
IINJSUM SR
Absolute sum of all injected input
currents during overload condition
50
50
mA
IAVGSEG SR
Sum of all the static I/O current within a
supply segment(1)
VDD = 5.0 V ± 10%, PAD3V5V =
0
—70
mA
VDD = 3.3 V ± 10%, PAD3V5V =
1
—64
ICORELV SR
Low voltage static current sink through
VDD_BV
150
mA
TSTORAGE SR Storage temperature
55
150
°C
1.
Supply segments are described in Section 4.7.5, I/O pad current specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com