Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC560D30L3 Datasheet(PDF) 46 Page - STMicroelectronics

Part # SPC560D30L3
Description  32-bit MCU family built on the Power Architecture for automotive body electronics applications
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560D30L3 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button SPC560D30L3 Datasheet HTML 42Page - STMicroelectronics SPC560D30L3 Datasheet HTML 43Page - STMicroelectronics SPC560D30L3 Datasheet HTML 44Page - STMicroelectronics SPC560D30L3 Datasheet HTML 45Page - STMicroelectronics SPC560D30L3 Datasheet HTML 46Page - STMicroelectronics SPC560D30L3 Datasheet HTML 47Page - STMicroelectronics SPC560D30L3 Datasheet HTML 48Page - STMicroelectronics SPC560D30L3 Datasheet HTML 49Page - STMicroelectronics SPC560D30L3 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 90 page
background image
Electrical characteristics
SPC560D30x, SPC56040Dx
46/90
Doc ID 16315 Rev 7
Table 24.
Voltage regulator electrical characteristics
Symbol
C
Parameter
Conditions(1)
Value
Unit
Min
Typ
Max
CREGn
SR —
Internal voltage regulator external
capacitance
200
500
nF
RREG
SR —
Stability capacitor equivalent serial
resistance
Range:
10 kHz to 20 MHz
——
0.2
CDEC1
SR — Decoupling capacitance(2) ballast
VDD_BV/VSS_LV pair:
VDD_BV = 4.5 V to 5.5 V
100(3)
470(4)
nF
VDD_BV/VSS_LV pair:
VDD_BV = 3V to 3.6V
400
CDEC2
SR —
Decoupling capacitance regulator
supply
VDD/VSS pair
10
100
nF
VMREG
CC
T
Main regulator output voltage
Before exiting from reset
1.32
V
P
After trimming
1.16
1.28
IMREG
SR —
Main regulator current provided to
VDD_LV domain
——
150
mA
IMREGINT CC D
Main regulator module current
consumption
IMREG = 200 mA
2
mA
IMREG = 0 mA
1
VLPREG
CC P Low-power regulator output voltage
After trimming
1.16
1.28
V
ILPREG
SR —
Low power regulator current provided
to VDD_LV domain
——
15
mA
ILPREGINT CC
D
Low-power regulator module current
consumption
ILPREG = 15 mA;
TA = 55 °C
——
600
µA
ILPREG = 0 mA;
TA = 55 °C
5
VULPREG CC P
Ultra low power regulator output
voltage
After trimming
1.16
1.28
V
IULPREG
SR —
Ultra low power regulator current
provided to VDD_LV domain
——
5
mA
IULPREGINT CC D
Ultra low power regulator module
current consumption
IULPREG = 5 mA;
TA = 55 °C
——
100
µA
IULPREG = 0 mA;
TA = 55 °C
2
IDD_BV
CC D
In-rush average current on VDD_BV
during power-up(5)
——
300(6)
mA
1.
VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified.
2.
This capacitance value is driven by the constraints of the external voltage regulator supplying the VDD_BV voltage. A typical
value is in the range of 470 nF.
3.
This value is acceptable to guarantee operation from 4.5 V to 5.5 V.
4.
External regulator and capacitance circuitry must be capable of providing IDD_BV while maintaining supply VDD_BV in
operating range.
5.
In-rush average current is seen only for short time during power-up and on standby exit (maximum 20 µs, depending on
external capacitances to be loaded).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com