Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC560D30L3 Datasheet(PDF) 35 Page - STMicroelectronics

Part # SPC560D30L3
Description  32-bit MCU family built on the Power Architecture for automotive body electronics applications
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560D30L3 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button SPC560D30L3 Datasheet HTML 31Page - STMicroelectronics SPC560D30L3 Datasheet HTML 32Page - STMicroelectronics SPC560D30L3 Datasheet HTML 33Page - STMicroelectronics SPC560D30L3 Datasheet HTML 34Page - STMicroelectronics SPC560D30L3 Datasheet HTML 35Page - STMicroelectronics SPC560D30L3 Datasheet HTML 36Page - STMicroelectronics SPC560D30L3 Datasheet HTML 37Page - STMicroelectronics SPC560D30L3 Datasheet HTML 38Page - STMicroelectronics SPC560D30L3 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 90 page
background image
SPC560D30x, SPC56040Dx
Electrical characteristics
Doc ID 16315 Rev 7
35/90
Figure 4.
Input DC electrical characteristics definition
VIL
VIN
VIH
PDIx = ‘1’
VDD
VHYS
(GPDI register of SIUL)
PDIx = ‘0’
Table 15.
I/O input DC electrical characteristics
Symbol
C
Parameter
Conditions(1)
Value
Unit
Min
Typ
Max
VIH
SR P
Input high level CMOS (Schmitt
Trigger)
0.65VDD
—VDD+0.4
V
VIL
SR P
Input low level CMOS (Schmitt
Trigger)
0.4
0.35VDD
V
VHYS CC C
Input hysteresis CMOS (Schmitt
Trigger)
—0.1VDD
——
V
ILKG
CC
D
Digital input leakage
No injection on
adjacent pin
TA = 40 °C
2
200
nA
DTA = 25 °C
2
200
DTA = 85 °C
5
300
DTA = 105 °C
12
500
PTA = 125 °C
70
1000
WFI
(2)
SR P Digital input filtered pulse
40
ns
WNFI
(2) SR P Digital input not filtered pulse
1000
ns
1.
VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified
2.
In the range from 40 to 1000 ns, pulses can be filtered or not filtered, according to operating temperature and voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com