Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ITW0505SA Datasheet(PDF) 4 Page - XP Power Limited

Part # ITW0505SA
Description  DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ITW0505SA Datasheet(HTML) 4 Page - XP Power Limited

  ITW0505SA Datasheet HTML 1Page - XP Power Limited ITW0505SA Datasheet HTML 2Page - XP Power Limited ITW0505SA Datasheet HTML 3Page - XP Power Limited ITW0505SA Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ITW Series
www.xppower.com
6 May 14
DC-DC Converter
Input filter components (C1, C2, L) are used to help meet conducted emissions requirement for the
module. These components should be mounted as close as possible to the module; and all leads
should be minimized to decrease radiated noise.
EMI Filter
Application Note
C1*
C2*
L
ITWxx05SA
4.7 µF/50 V
220 pF/3 kV
4.7 µH
ITWxx12SA
4.7 µF/50 V
220 pF/3 kV
4.7 µH
ITWxx15SA
4.7 µF/50 V
220 pF/3 kV
18 µH
ITWxx24SA
4.7 µF/50 V
220 pF/3 kV
18 µH
ITW
+ Vout
-Vout
+ Vin
-Vin
C1
Load
L
C2
* C1 & C2 are multilayer ceramic capacitors.
C1*
C2*
L
ITWxx12S
4.7 µF/50 V
220 pF/3 kV
4.7 µH
ITWxx15S
4.7 µF/50 V
220 pF/3 kV
4.7 µH
ITW
+ Vout
-Vout
+ Vin
-Vin
C1
Load
L
C2
Load
* C1 & C2 are multilayer ceramic capacitors.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com