Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ITW0505SA Datasheet(PDF) 2 Page - XP Power Limited

Part # ITW0505SA
Description  DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ITW0505SA Datasheet(HTML) 2 Page - XP Power Limited

  ITW0505SA Datasheet HTML 1Page - XP Power Limited ITW0505SA Datasheet HTML 2Page - XP Power Limited ITW0505SA Datasheet HTML 3Page - XP Power Limited ITW0505SA Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ITW Series
www.xppower.com
2
DC-DC Converter
Input
Output
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
See Models and Ratings table
Initial Set Accuracy
±2
%
Minimum Load
0A
No minimum load required
Line Regulation
±0.2
%
Load Regulation
±1
%
Single output
±1 (±2)
%
Dual output 5%-100% (0%-100%)
Cross Regulation
±5
%
On dual output models when one load is varied between
25% and 100% and other is fixed at 100%
Transient Response
3
% deviation
Recovery within 2% in less than 2 ms
for a 25% load change
Ripple & Noise
50
mV pk-pk
20 MHz bandwidth. Measured using 1 µF ceramic capacitor
Short Circuit Protection
Continuous, with auto recovery
Maximum Capacitive Load
See Models and Ratings table
Temperature Coefficient
0.02
%/ ˚C
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage Range
4.5
9
VDC
5 V nominal
9
18
VDC
12 V nominal
18
36
VDC
24 V nominal
36
75
VDC
48 V nominal
Input Filter
Capacitor
Input Reflected Ripple
35
mA pk-pk
Through 12 µH inductor and 47 µF capacitor
Input Surge
15
VDC for 1000 ms 5 V models
25
VDC for 1000 ms 12 V models
50
VDC for 1000 ms 24 V models
100
VDC for 1000 ms 48 V models
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
See Models and Ratings table
Isolation: Input to Output
1500
VDC
Switching Frequency
150
550
kHz
Variable
Isolation Resistance
109
Ω
Isolation Capacitance
70
pF
Power Density
11.5
Win3
Mean Time Between Failure
2.8
MHrs
MIL-HDBK-217F, +25 °C GB
Weight
0.0067 (3.0)
lb (g)
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-40
+105
°C
Derate from 100% load at +85 °C to no load at +105 °C
Storage Temperature
-55
+125
°C
Case Temperature
+105
°C
Humidity
95
%RH
Non-condensing
Cooling
Natural convection



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com