Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ITW0505SA Datasheet(PDF) 1 Page - XP Power Limited

Part # ITW0505SA
Description  DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ITW0505SA Datasheet(HTML) 1 Page - XP Power Limited

  ITW0505SA Datasheet HTML 1Page - XP Power Limited ITW0505SA Datasheet HTML 2Page - XP Power Limited ITW0505SA Datasheet HTML 3Page - XP Power Limited ITW0505SA Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ITW Series
DC-DC Converter
xxx Series
www.xppower.com
1
Models & Ratings
Notes
1. Input currents measured at nominal input voltage.
• 2:1 Input Range
• Operating Temperature 40 °C to +105 °C
• Single & Dual Outputs
• 1500 VDC Isolation
• Fully Regulated Output
• No Minimum Load Required
• 3 Year Warranty
Dimensions:
ITW:
0.67 x 0.43 x 0.30” (17.0 x 11.0 x 7.6 mm)
1 Watt
Input Voltage
Output Voltage
Output Current
Input Current(1)
Maximum
Capacitive Load
Efficiency
Model Number
No Load
Full Load
4.5-9 V
5.0 V
200 mA
35 mA
263 mA
1680 µF
76%
ITW0505SA
12.0 V
83 mA
35 mA
259 mA
820 µF
79%
ITW0512SA
15.0 V
67 mA
35 mA
254 mA
680 µF
80%
ITW0515SA
24.0 V
42 mA
35 mA
265 mA
470 µF
80%
ITW0524SA
±12.0 V
±42 mA
35 mA
259 mA
±470 µF
77%
ITW0512S
±15.0 V
±33 mA
35 mA
254 mA
±330 µF
79%
ITW0515S
9-18 V
5.0 V
200 mA
20 mA
108 mA
1680 µF
78%
ITW1205SA
12.0 V
83 mA
20 mA
108 mA
820 µF
80%
ITW1212SA
15.0 V
67 mA
20 mA
105 mA
680 µF
81%
ITW1215SA
24.0 V
42 mA
20 mA
109 mA
470 µF
80%
ITW1224SA
±12.0 V
±42 mA
20 mA
108 mA
±470 µF
79%
ITW1212S
±15.0 V
±33 mA
20 mA
105 mA
±330 µF
80%
ITW1215S
18-36 V
5.0 V
200 mA
10 mA
54 mA
1680 µF
78%
ITW2405SA
12.0 V
83 mA
10 mA
52 mA
820 µF
80%
ITW2412SA
15.0 V
67 mA
10 mA
52 mA
680 µF
80%
ITW2415SA
24.0 V
42 mA
10 mA
55 mA
470 µF
81%
ITW2424SA
±12.0 V
±42 mA
10 mA
52 mA
±470 µF
80%
ITW2412S
±15.0 V
±33 mA
10 mA
52 mA
±330 µF
79%
ITW2415S
36-75 V
5.0 V
200 mA
7 mA
27 mA
1680 µF
76%
ITW4805SA
12.0 V
83 mA
7 mA
27 mA
820 µF
78%
ITW4812SA
15.0 V
67 mA
7 mA
27 mA
680 µF
78%
ITW4815SA
24.0 V
42 mA
7 mA
28 mA
470 µF
77%
ITW4824SA
±12.0 V
±42 mA
7 mA
27 mA
±470 µF
77%
ITW4812S
±15.0 V
±33 mA
7 mA
27 mA
±330 µF
77%
ITW4815S


Similar Part No. - ITW0505SA

ManufacturerPart #DatasheetDescription
logo
InPower Semiconductor C...
ITW30N50R INPOWER-ITW30N50R Datasheet
146Kb / 5P
N-Channel MOSFET
Preliminary. Jun. 2017
More results

Similar Description - ITW0505SA

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com