Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ITW0505SA Datasheet(PDF) 3 Page - XP Power Limited

Part # ITW0505SA
Description  DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ITW0505SA Datasheet(HTML) 3 Page - XP Power Limited

  ITW0505SA Datasheet HTML 1Page - XP Power Limited ITW0505SA Datasheet HTML 2Page - XP Power Limited ITW0505SA Datasheet HTML 3Page - XP Power Limited ITW0505SA Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ITW Series
www.xppower.com
DC-DC Converter
3
d/c
0.67 (17.0)
0.41
(10.50)
0.50
(0.02)
0.08
(2.15)
0.10
(2.54)
0.12
(3.00)
0.08
(2.15)
0.20
(5.08)
0.50
(12.7)
0.30
(7.62)
0.43
(11.0)
0.02
(0.50)
0.02
(0.50)
0.02
(0.50)
0.10
(2.50)
0.30
(7.62)
0.09
(2.38)
0.01
(0.25)
0.01
(0.25)
1
2
4 5
6
1
2
4
5
6
Printed Face
EMC: Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
ESD Immunity
EN61000-4-2
3A
Radiated Immunity
EN61000-4-3
20 Vrms
A
EFT/Burst
EN61000-4-4
3A
External input capacitor required 330 µF/100 V
Surges
EN61000-4-5
Installation class 2
A
External input capacitor required 330 µF/100 V
Conducted Immunity
EN61000-4-6
3 V rms
A
Magnetic Fields
EN61000-4-8
1 A/m
A
EMC: Emissions
Phenomenon
Standard
Test Level
Notes & Conditions
Conducted
EN55022
Class A
See Application Note
Radiated
EN55022
Class A
See Application Note
1. All dimensions are in inches (mm)
2. Weight: 0.0067 lbs (3.0 g) approx.
3. Pin diameter: 0.02±0.002 (0.5±0.05)
4. Pin pitch tolerance: ±0.014 (±0.35)
5. Case tolerance: ±0.02 (±0.5)
Notes
Pin Connections
Pin
Single
Dual
1
-Vin
-Vin
2
+Vin
+Vin
4
+Vout
+Vout
5
N.P.
Common
6
-Vout
-Vout
Mechanical Details



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com