Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STWA20N95K5 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STWA20N95K5
Description  Ultra low gate charge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWA20N95K5 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STWA20N95K5 Datasheet HTML 2Page - STMicroelectronics STWA20N95K5 Datasheet HTML 3Page - STMicroelectronics STWA20N95K5 Datasheet HTML 4Page - STMicroelectronics STWA20N95K5 Datasheet HTML 5Page - STMicroelectronics STWA20N95K5 Datasheet HTML 6Page - STMicroelectronics STWA20N95K5 Datasheet HTML 7Page - STMicroelectronics STWA20N95K5 Datasheet HTML 8Page - STMicroelectronics STWA20N95K5 Datasheet HTML 9Page - STMicroelectronics STWA20N95K5 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Electrical characteristics
STWA20N95K5
6/12
DocID025573 Rev 1
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
Figure 3. Thermal impedance
Figure 4. Output characteristics
Figure 5. Transfer characteristics
Figure 6. Gate charge vs gate-source voltage
Figure 7. Static drain-source on-resistance
ID
10
1
0.1
0.1
1
100
VDS(V)
10
(A)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single pulse
100
AM11184v1
ID
15
10
5
0
0
10
VDS(V)
20
(A)
5
15
25
20
25
5V
6V
7V
VGS=10V
30
8V
AM11185v1
ID
15
10
5
0
0
4
VGS(V)
8
(A)
2
6
20
25
VDS=15V
10
30
35
40
AM11186v1
VGS
6
4
2
0
0
Qg(nC)
(V)
30
8
10
20
10
VDD=760V
ID=9A
40
12
600
400
200
0
800
VDS
Qg
VDS(V)
AM11187v1
RDS(on)
0.29
0.28
0.27
0.26
0
6
ID(A)
(
Ω)
2
10
VGS=10V
14
18
AM11188v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com