Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STWA20N95K5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STWA20N95K5
Description  Ultra low gate charge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWA20N95K5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STWA20N95K5 Datasheet HTML 3Page - STMicroelectronics STWA20N95K5 Datasheet HTML 4Page - STMicroelectronics STWA20N95K5 Datasheet HTML 5Page - STMicroelectronics STWA20N95K5 Datasheet HTML 6Page - STMicroelectronics STWA20N95K5 Datasheet HTML 7Page - STMicroelectronics STWA20N95K5 Datasheet HTML 8Page - STMicroelectronics STWA20N95K5 Datasheet HTML 9Page - STMicroelectronics STWA20N95K5 Datasheet HTML 10Page - STMicroelectronics STWA20N95K5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DocID025573 Rev 1
7/12
STWA20N95K5
Electrical characteristics
12
Figure 8. Capacitance variations
Figure 9. Output capacitance stored energy
Figure 10. Normalized gate threshold voltage vs
temperature
Figure 11. Normalized on-resistance vs
temperature
Figure 12. Maximum avalanche energy vs
starting Tj
Figure 13. Normalized BVDSS vs temperature
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
10000
100
Ciss
Coss
Crss
AM11189v1
Eoss
1.5
1.0
0.5
0
0
100
VDS(V)
(µJ)
400
2.0
200
300
2.5
3.0
500
3.5
4.0
4.5
AM11190v1
VGS(th)
0.6
0.5
0.4
0.3
TJ(°C)
(norm)
-25
0.7
75
25
125
0.9
0.8
1.0
1.2
1.1
AM11192v1
RDS(on)
2.0
1.5
1.0
0.5
TJ(°C)
(norm)
-25
75
25
125
2.5
0
AM11193v1
EAS
0
40
TJ(°C)
(mJ)
20
100
60
80
0
20
40
60
80
120 140
100
120
140
160
180
200
ID=6 A
VDD=50 V
AM11194v1
BVDSS
TJ(°C)
(norm)
-25
75
25
125
0.90
0.92
0.94
0.96
0.98
1.00
1.02
1.04
1.06
1.08
1.10
AM11191v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com