Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STWA20N95K5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STWA20N95K5
Description  Ultra low gate charge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWA20N95K5 Datasheet(HTML) 1 Page - STMicroelectronics

  STWA20N95K5 Datasheet HTML 1Page - STMicroelectronics STWA20N95K5 Datasheet HTML 2Page - STMicroelectronics STWA20N95K5 Datasheet HTML 3Page - STMicroelectronics STWA20N95K5 Datasheet HTML 4Page - STMicroelectronics STWA20N95K5 Datasheet HTML 5Page - STMicroelectronics STWA20N95K5 Datasheet HTML 6Page - STMicroelectronics STWA20N95K5 Datasheet HTML 7Page - STMicroelectronics STWA20N95K5 Datasheet HTML 8Page - STMicroelectronics STWA20N95K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
November 2013
DocID025573 Rev 1
1/12
STWA20N95K5
N-channel 950 V, 0.275
Ω, 17.5 A SuperMESH™ 5 Power MOSFET
in TO-247 long leads package
Datasheet - preliminary data
Figure 1. Internal schematic diagram
Features
• Worldwide best FOM (figure of merit)
• Ultra low gate charge
• 100% avalanche tested
• Zener-protected
Applications
• Switching applications
Description
This device is an N-channel Power MOSFET
developed using SuperMESH™ 5 technology.
This revolutionary, avalanche-rugged, high
voltage Power MOSFET technology is based on
an innovative proprietary vertical structure. The
result is a drastic reduction in on-resistance and
ultra low gate charge for applications which
require superior power density and high
efficiency.
1
2
3
TO-247 long leads
D(2)
G(1)
S(3)
AM01476v1
Order codes
VDSS
RDS(on)
max
ID
PW
STWA20N95K5
950 V
0.330
Ω 17.5 A 250 W
Table 1. Device summary
Order codes
Marking
Package
Packaging
STWA20N95K5
20N95K5
TO-247 long leads
Tube
www.st.com


Similar Part No. - STWA20N95K5

ManufacturerPart #DatasheetDescription
logo
ZIEHL industrie-elektro...
STWA2AH ZIEHL-STWA2AH Datasheet
275Kb / 1P
AC-Electronic Current Transducer STWA2AH with analog output
More results

Similar Description - STWA20N95K5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD06N60C3 INFINEON-SPD06N60C3_14 Datasheet
401Kb / 11P
Ultra low gate charge
logo
STMicroelectronics
STP7LN80K5 STMICROELECTRONICS-STP7LN80K5 Datasheet
719Kb / 13P
Ultra-low gate charge
08-Jan-2016
STF9N80K5 STMICROELECTRONICS-STF9N80K5 Datasheet
762Kb / 16P
Ultra-low gate charge
11-Nov-2015
STD5N95K5 STMICROELECTRONICS-STD5N95K5 Datasheet
1Mb / 26P
Ultra-low gate charge
04-Jan-2017
STD6N90K5 STMICROELECTRONICS-STD6N90K5 Datasheet
825Kb / 16P
Ultra-low gate charge
November 2016 Rev 1
STD7N90K5 STMICROELECTRONICS-STD7N90K5 Datasheet
817Kb / 16P
Ultra-low gate charge
October 2016 Rev 1
STF6N80K5 STMICROELECTRONICS-STF6N80K5 Datasheet
831Kb / 15P
Ultra low gate charge
06-Sep-2016
STF15N95K5 STMICROELECTRONICS-STF15N95K5 Datasheet
1Mb / 18P
Ultra low gate charge
07-Feb-2014
STL2N80K5 STMICROELECTRONICS-STL2N80K5 Datasheet
1Mb / 17P
Ultra low gate charge
24-Jul-2014
STL7N80K5 STMICROELECTRONICS-STL7N80K5 Datasheet
956Kb / 17P
Ultra low gate charge
19-Nov-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com