Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX88796LF Datasheet(PDF) 1 Page - ASIX Electronics Corporation

Part # AX88796LF
Description  3-in-1 Local Bus Fast Ethernet Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796LF Datasheet(HTML) 1 Page - ASIX Electronics Corporation

  AX88796LF Datasheet HTML 1Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 2Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 3Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 4Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 5Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 6Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 7Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 8Page - ASIX Electronics Corporation AX88796LF Datasheet HTML 9Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 71 page
background image
ASIX ELECTRONICS CORPORATION
First Released Date : July/31/2000
2F, NO.13, Industry East Rd. II, Science-based Industrial Park, Hsin-Chu City, Taiwan, R.O.C.
TEL: 886-3-579-9500
FAX: 886-3-579-9558
http://www.asix.com.tw
AX88796 L
3-in-1 Local Bus Fast Ethernet Controller
10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller
with Embedded SRAM
Document No.: AX796-17 / V1.7 / Jan. 25 ’02
Features
Highly integrated with embedded 10/100Mbps
MAC, PHY and Transceiver
Embedded 8K * 16 bit SRAM
Compliant
with
IEEE
802.3/802.3u
100BASE-TX/FX specification
NE2000 register level compatible instruction
Single chip local CPU bus 10/100Mbps Fast
Ethernet MAC Controller
Support both 8 bit and 16 bit local CPU interfaces
include MCS-51 series, 80186 series and MC68K
series CPU
Support both 10Mbps and 100Mbps data rate
Support both full-duplex or half-duplex operation
Provides an extra MII port for supporting other
media. For example, Home LAN application
Support EEPROM interface to store MAC address
External and internal loop-back capability
Support Standard Print Port for printer server
application
Support upto 3/1 General Purpose In/Out pins
128-pin LQFP low profile package
Low Power Consumption, typical under 100mA
0.25 Micron low power CMOS process. 25MHz
Operation, Pure 3.3V operation with 5V I/O
tolerance.
*IEEE is a registered trademark of the Institute of
Electrical and Electronic Engineers, Inc.
*All other trademarks and registered trademark are
the property of their respective holders.
Product description
The AX88796 Fast Ethernet Controller is a high performance and highly integrated local CPU bus Ethernet Controller
with embedded 10/100Mbps PHY/Transceiver and 8K*16 bit SRAM. The AX88796 supports both 8 bit and 16 bit local
CPU interfaces include MCS-51 series, 80186 series, MC68K series CPU and ISA bus. The AX88796 implements both
10Mbps and 100Mbps Ethernet function based on IEEE802.3 / IEEE802.3u LAN standard. The AX88796 also provides
an extra IEEE802.3u compliant media-independent interface (MII) to support other media applications. Using MII
interface, Home LAN PHY type media can be supported.
As well as, the chip also provides optional Standard Print Port ( parallel port interface ), can be used for printer server
device or treat as simple general I/O port. The chip also support upto 3/1 additional General Purpose In/Out pins
System Block Diagram
Always contact ASIX for possible updates before starting a design.
This data sheet contains new products information. ASIX ELECTRONICS reserves the rights to modify product specification without notice. No liability
is assumed as a result of the use of this product. No rights under any patent accompany the sale of the product.
AX88796
With
10/100 Mbps
PHY/TxRx
AD BUS
Addr L
Addr H
Ctl BUS
RJ45
Optional
Home LAN
PHY
RJ11
Optional Print Port
Or General I/O Ports


Similar Part No. - AX88796LF

ManufacturerPart #DatasheetDescription
logo
ASIX Electronics Corpor...
AX88796ALF ASIX-AX88796ALF Datasheet
1Mb / 68P
10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
06/25/2013
AX88796BLF ASIX-AX88796BLF Datasheet
604Kb / 82P
Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller
AX88796BLI ASIX-AX88796BLI Datasheet
604Kb / 82P
Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller
AX88796C ASIX-AX88796C Datasheet
101Kb / 2P
Low-Power SPI or Non-PCI Ethernet Controller
More results

Similar Description - AX88796LF

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C970A AMD-AM79C970A Datasheet
1Mb / 219P
PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
AM79C971 AMD-AM79C971 Datasheet
3Mb / 265P
PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
logo
ASIX Electronics Corpor...
AX88196L ASIX-AX88196L Datasheet
594Kb / 42P
10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
logo
Winbond
W89C841F WINBOND-W89C841F Datasheet
1Mb / 102P
3-IN - 1 10/100M FAST ETHERNET CONTROLLER
logo
Advanced Micro Devices
AM79C970 AMD-AM79C970 Datasheet
943Kb / 168P
PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
logo
ASIX Electronics Corpor...
AX88195P ASIX-AX88195P Datasheet
510Kb / 37P
10/100BASE Local CPU Bus Fast Ethernet MAC Controller
AX88790L ASIX-AX88790L Datasheet
646Kb / 60P
10/100BASE 3-in-1 PCMCIA Fast Ethernet Controller
logo
Agilent(Hewlett-Packard...
FS2100 HP-FS2100 Datasheet
371Kb / 48P
LOCAL BUS
logo
Intel Corporation
82551IT INTEL-82551IT Datasheet
736Kb / 102P
Fast Ethernet PCI Controller
logo
List of Unclassifed Man...
21140 ETC-21140 Datasheet
1Mb / 43P
Otffers a single-chip Fast Bthernet controller for PCI local bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com