Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC0852 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0852
Description  Multiplexed Comparator with 8-Bit Reference Divider
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0852 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button ADC0852 Datasheet HTML 9Page - National Semiconductor (TI) ADC0852 Datasheet HTML 10Page - National Semiconductor (TI) ADC0852 Datasheet HTML 11Page - National Semiconductor (TI) ADC0852 Datasheet HTML 12Page - National Semiconductor (TI) ADC0852 Datasheet HTML 13Page - National Semiconductor (TI) ADC0852 Datasheet HTML 14Page - National Semiconductor (TI) ADC0852 Datasheet HTML 15Page - National Semiconductor (TI) ADC0852 Datasheet HTML 16Page - National Semiconductor (TI) ADC0852 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Functional Description (Continued)
40 ANALOG INPUTS
4 1 Differential Inputs
The serial interface of the ADC0852 and ADC0854 allows
them to be located right at the analog signal source and to
communicate with a controlling processor via a few fairly
noise immune digital lines This feature in itself greatly re-
duces the analog front end circuitry often needed to main-
tain signal integrity Nevertheless a few words are in order
with regard to the analog inputs should the input be noisy to
begin with or possibly riding on a large common mode volt-
age
The differential input of the comparator actually reduces the
effect of common-mode input noise ie signals common to
both selected ‘‘a’’ and ‘‘b’’ inputs such as 60 Hz line
noise The time interval between sampling the ‘‘a’’ input
and then the ‘‘b’’ input is
of a clock period (see
Figure
5)
The change in the common-mode voltage during this short
time interval can cause comparator errors For a sinusoidal
common-mode signal this error is
VERROR (MAX) e VPEAK (2q fCM 2 fCLK)
where fCM is the frequency of the common-mode signal
Vpeak is its peak voltage value and fCLK is the DAC clock
frequency
For example 1 VPP 60 Hz noise superimposed on both
sides of a differential input signal would cause an error (re-
ferred to the input) of 075 mV This amounts to less than
of an LSB referred to the threshold DAC
assuming
VREF e V and fCLK e
kHz
4 2 Input Currents and Filtering
Due to the sampling nature of the analog inputs short
spikes of current enter the ‘‘a’’ input and leave the ‘‘b’’ at
the clock edges during a comparison These currents decay
rapidly and do not cause errors as the comparator is
strobed at the end of the clock period (see
Figure 5 )
The source resistance of the analog input is important with
regard to the DC leakage currents of the input multiplexer
The worst-case leakage currents of g1 mA over tempera-
ture will createa1mV input error with a 1 kX source
resistance An op-amp RC active low pass filter can provide
both impedance buffering and noise filtering should a high
impedance source be required
4 3 Arbitrary Analog InputReference Range
The total span of the DAC output and hence the compara-
tor’s threshold voltage is determined by the DAC reference
For example if VREF is set to 1 volt then the comparator’s
threshold can be programmed overa0to1 volt range with
8 bits of resolution From the analog input’s point of view
this span can also be shifted by applying an offset potential
to one of the comparator’s selected analog input lines (usu-
ally ‘‘b’’) This gives the designer greater control of the
ADC08524’s input range and resolution and can help sim-
plify or eliminate expensive signal conditioning electronics
An example of this capability is shown in the ‘‘Load Cell
Limit Comparator’’ of
Figure 15 In this circuit the ADC0852
allows the load-cell signal conditioning to be done with only
one dual op-amp and without complex multiple resistor
matching
50 POWER SUPPLY
A unique feature of the ADC0854 is the inclusion of a 7 volt
zener diode connected from the ‘‘Va’’ terminal to ground
(
Figures 2 and 8 ) ‘‘Va’’ also connects to ‘‘VCC’’ via a silicon
diode The zener is intended for use as a shunt voltage
regulator to eliminate the need for additional regulating
components This is especially useful if the ADC0854 is to
be remotely located from the system power source
An important use of the interconnecting diode between Va
and VCC is shown in Figures 10 and 11 Here this diode is
used as a rectifier to allow the VCC supply for the converter
to be derived from the comparator clock The low device
current requirements and the relatively high clock frequen-
cies used (10 kHz – 400 kHz) allows use of the small value
filter capacitor shown The shunt zener regulator can also
be used in this mode however this requires a clock voltage
swing in excess of 7 volts Current limiting for the zener is
also needed either built into the clock generator or through
a resistor connected from the clock to Va
Typical Applications
TLH5521 – 17
FIGURE 8 An On-Chip Shunt Regulator Diode
TLH5521 – 18
FIGURE 9 Using the ADC0854 as the
System Supply Regulator
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com