Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC0852 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0852
Description  Multiplexed Comparator with 8-Bit Reference Divider
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0852 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  ADC0852 Datasheet HTML 1Page - National Semiconductor (TI) ADC0852 Datasheet HTML 2Page - National Semiconductor (TI) ADC0852 Datasheet HTML 3Page - National Semiconductor (TI) ADC0852 Datasheet HTML 4Page - National Semiconductor (TI) ADC0852 Datasheet HTML 5Page - National Semiconductor (TI) ADC0852 Datasheet HTML 6Page - National Semiconductor (TI) ADC0852 Datasheet HTML 7Page - National Semiconductor (TI) ADC0852 Datasheet HTML 8Page - National Semiconductor (TI) ADC0852 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Absolute Maximum Ratings (Notes 1 and 2)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Current into Va (Note 3)
15 mA
Supply Voltage VCC (Note 3)
65V
Voltage
Logic and Analog Inputs
b
03V to VCC a03V
Input Current per Pin
g
5mA
Input Current per Package
g
20 mA
Storage Temperature
b
65 Cto a150 C
Package Dissipation
at TA e 25 C (Board Mount)
08W
Lead Temp (Soldering 10 seconds)
Dual-In-Line Package (plastic)
260 C
ESD Susceptibility (Note 14)
2000V
Operating Conditions
Supply Voltage VCC
45VDC to 63VDC
Temperature Range
TMIN s TA s TMAX
ADC0854CCN ADC0852CCN
0 C s TA s 70 C
Electrical Characteristics The following specifications apply for VCC e Va e 5V (no Va on ADC0852)
VREF s VCC a 01V fCLK e 250 kHz unless otherwise specified Boldface limits apply from TMIN to TMAX all other limits TA
e
TJ e 25 C
ADC0852CCN
ADC0854CCN
Parameter
Conditions
Typ
Tested
Design
Units
(Note 4)
Limit
Limit
(Note 5)
(Note 6)
CONVERTER AND MULTIPLEXER CHARACTERISTICS
Total Unadjusted
VREF Forced to
Error (Note 7)
5000 VDC
ADC08524CCN
g
1
g
1
LSB
Comparator Offset
ADC08524CCN
25
20
mV
Minimum Total Ladder
ADC0854
Resistance
(Note 15)
35
13
13
kX
Maximum Total Ladder
ADC0854
Resistance
(Note 15)
35
54
59
kX
Minimum Common-Mode
All MUX Inputs
Input (Note 8)
and COM Input
GND – 005
GND – 005
V
Maximum Common-Mode
All MUX Inputs
Input (Note 8)
and COM Input
VCC a 005
VCC a 005
V
DC Common-Mode Error
g
g
g
LSB
Power Supply Sensitivity
VCC e 5V g5%
g
g
g
LSB
VZ Internal
15 mA into Va
diode
MIN
63
V
breakdown
MAX
85
V
at Va (Note 3)
IOFF Off Channel Leakage
On Channel e 5V
b
1
m
A
Current (Note 9)
Off Channel e 0V
b
200
nA
On Channel e 0V
a
1
m
A
Off Channel e 5V
a
200
nA
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com