Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP5562TMX/NOPB Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # LP5562TMX/NOPB
Description  Programmable Lighting Sequences
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5562TMX/NOPB Datasheet(HTML) 32 Page - Texas Instruments

Back Button LP5562TMX/NOPB Datasheet HTML 28Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 29Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 30Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 31Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 32Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 33Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 34Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 35Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
LP5562
SNVS820A – APRIL 2013 – REVISED SEPTEMBER 2015
www.ti.com
7.6.2 Operation Mode Register (OP Mode) (address = 01h) [reset = 00h]
MODE registers are synchronized to 32-kHz clock. Delay between consecutive I2C writes to OP_MODE register
(01h) need to be longer than 153
μs (typ).
Figure 27. OP Mode Register
7
6
5
4
3
2
1
0
ENG1_MODE[1:0]
ENG1_MODE[1:0]
ENG1_MODE[1:0]
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 28. OP Mode Register Field Descriptions
Bit
Field
Type
Reset
Description
5:4
ENG1_MODE
R/W
Engine 1 operation mode
00b = Disabled
01b = Load program to SRAM, reset engine 1 PC
10b = Run program defined by ENG1_EXEC
11b = Direct control
3:2
ENG2_MODE
R/W
Engine 2 operation mode
00b = Disabled
01b = Load program to SRAM, reset engine 2 PC
10b = Run program defined by ENG2_EXEC
11b = Direct control
1:0
ENG3_MODE
R/W
Engine 3 operation mode
00b = Disabled
01b = Load program to SRAM, reset engine 3 PC
10b = Run program defined by ENG3_EXEC
11b = Direct control
7.6.3 B LED Output PWM Control Register (B_PWM) (address = 02h) [reset = 00h]
Figure 28. B_PWM Control Register
7
6
5
4
3
2
1
0
B_PWM[7:0]
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 29. B_PWM Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
B_PWM
R/W
B LED output PWM value during direct control operation mode
32
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: LP5562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com