Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP5562TMX/NOPB Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # LP5562TMX/NOPB
Description  Programmable Lighting Sequences
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5562TMX/NOPB Datasheet(HTML) 43 Page - Texas Instruments

Back Button LP5562TMX/NOPB Datasheet HTML 39Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 40Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 41Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 42Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 43Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 44Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 45Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 46Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
W
VDD
CLK
32K
B
ADDR
SEL1
ADDR
SEL0
GND
G
SDA
SCL
EN/
VCC
R
TO
HOST
TO
HOST
TO
HOST
TO
HOST
BLUE
GREEN
RED
WHITE
VDD
GND
LP5562
www.ti.com
SNVS820A – APRIL 2013 – REVISED SEPTEMBER 2015
9 Power Supply Recommendation
The LP5562 is intended to operate from a single cell lithium-ion battery or battery charger up to 5.5 V. The
resistance of the input supply rail should be low enough so that the input current transient does not cause too
high drop at the LP5562 VDD pin. If the input supply is also powering the LEDs and is connected by using long
wires additional bulk capacitance may be required in addition to the ceramic bypass capacitors in the VDD / LED
supply line.
10 Layout
10.1 Layout Guidelines
Figure 46 is a layout recommendation for the LP5562 used to demonstrate the principles of good layout. This
example is for a 2-layer PCB and a single LP5562 device. This layout can be adapted to the actual application
layout if/where possible. If multiple LP5562 devices are used in the application then not all the ADDRSEL pins
will be tied to ground. In that case a PCB using HDI process is needed to route ADDRSEL0 and GND bumps.
The VDD decoupling cap must be placed close to VDD bump, and the traces for W, R, G, and B bumps must be
sized to carry 25.5 mA.
10.2 Layout Example
Figure 46. LP5562 Layout Example
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Links: LP5562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com