Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP5562TMX/NOPB Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # LP5562TMX/NOPB
Description  Programmable Lighting Sequences
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5562TMX/NOPB Datasheet(HTML) 40 Page - Texas Instruments

Back Button LP5562TMX/NOPB Datasheet HTML 36Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 37Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 38Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 39Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 40Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 41Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 42Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 43Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
LP5562
MCU
1 2F
CIN
SCL
SDA
CLK_32K
ADDR_SEL0
ADDR_SEL1
EN/VCC
VDD
GND
R
G
B
RGB LED
0...25.5 mA/LED
WLED
VDD
LP5562
SNVS820A – APRIL 2013 – REVISED SEPTEMBER 2015
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LP5562 is designed for mobile applications with an input voltage VIN between 2.7 V to 5.5 V to support a 1S
lithium-ion battery source. A microcontroller or other I2C host is required to initialize and configure the LP5562
after power-up. An internal of external 32-kHz clock is required. If multiple LP5562 devices are used to sequence
multiple RGB LEDs, then the external 32-kHz clock input is required. The ADDRSEL0 and ADDRSEL1 pins can
be used to allow unique sequencing of up to four LP5562 devices on the same I2C bus.
The four LED current drivers can be configured up to 25.5-mA LED current each and are tolerant up to 6-V LED
supply voltage.
8.2 Typical Application
Figure 44 shows the typical application for LP5562 supporting one RGB LED and one White LED with the four
LED current outputs.
Figure 44. LP5562 Typical Application
8.2.1 Design Requirements
For typical LED-driver applications, use the parameters listed in Table 44.
Table 44. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Minimum input voltage
2.7 V
Maximum input voltage
5.5 V
EN/VCC logic level
1.8 V
R output current
24 mA
G output current
20 mA
B output current
22 mA
WLED output current
18 mA
PWM frequency
256 Hz
32-kHz clock source
External
Light engines 1, 2 and 3
Blink on/off
Power-save mode
Enabled
40
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: LP5562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com