Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB9AF141LB Datasheet(PDF) 4 Page - SPANSION

Part # MB9AF141LB
Description  The MB9A140NB Series are highly integrated
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF141LB Datasheet(HTML) 4 Page - SPANSION

  MB9AF141LB Datasheet HTML 1Page - SPANSION MB9AF141LB Datasheet HTML 2Page - SPANSION MB9AF141LB Datasheet HTML 3Page - SPANSION MB9AF141LB Datasheet HTML 4Page - SPANSION MB9AF141LB Datasheet HTML 5Page - SPANSION MB9AF141LB Datasheet HTML 6Page - SPANSION MB9AF141LB Datasheet HTML 7Page - SPANSION MB9AF141LB Datasheet HTML 8Page - SPANSION MB9AF141LB Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 121 page
background image
MB9A140NB Series
32-bit ARM
® Cortex®-M3 based Microcontroller
MB9AF141LB/MB/NB, MB9AF142LB/MB/NB,
MB9AF144LB/MB/NB
Data Sheet (Full Production)
Publication Number MB9A140NB_DS706-00040
Revision 4.0
Issue Date June 10, 2015
CONFIDENTIAL
This document states the current technical specifications regarding the Spansion product(s) described herein. Spansion Inc. deems the products to have been in sufficient
production volume such that subsequent versions of this document are not expected to change. However, typographical or specification corrections, or modifications to the
valid combinations offered may occur.
 Description
The MB9A140NB Series are highly integrated 32-bit microcontrollers dedicated for embedded controllers
with low-power consumption mode and competitive cost.
These series are based on the ARM Cortex-M3 Processor with on-chip Flash memory and SRAM, and have
peripheral functions such as various timers, ADCs, and Communication Interfaces (UART, CSIO, I
2C).
The products which are described in this data sheet are placed into TYPE6 product categories in FM3
Family Peripheral Manual.
Note: ARM and Cortex are the trademarks of ARM Limited in the EU and other countries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com