Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB9AF141LB Datasheet(PDF) 68 Page - SPANSION

Part # MB9AF141LB
Description  The MB9A140NB Series are highly integrated
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF141LB Datasheet(HTML) 68 Page - SPANSION

Back Button MB9AF141LB Datasheet HTML 64Page - SPANSION MB9AF141LB Datasheet HTML 65Page - SPANSION MB9AF141LB Datasheet HTML 66Page - SPANSION MB9AF141LB Datasheet HTML 67Page - SPANSION MB9AF141LB Datasheet HTML 68Page - SPANSION MB9AF141LB Datasheet HTML 69Page - SPANSION MB9AF141LB Datasheet HTML 70Page - SPANSION MB9AF141LB Datasheet HTML 71Page - SPANSION MB9AF141LB Datasheet HTML 72Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 121 page
background image
D a t a S h e e t
June 10, 2015, MB9A140NB_DS706-00040-4v0-E
65
CONFIDENTIAL
Parameter
Symbol
Pin
name
Conditions
Value
Unit Remarks
Typ*
2 Max*2
Power
supply
current
ICCT
VCC
Main Timer
mode
TA = + 25°C,
When LVD is off
2.1
2.5
mA *1, *3
TA = + 85°C,
When LVD is off
-
3.4
mA *1, *3
Sub Timer
mode
TA = + 25°C,
When LVD is off
12
35
μA *1, *4
TA = + 85°C,
When LVD is off
-
330
μA *1, *4
ICCR
RTC mode
TA = + 25°C,
When LVD is off
9.8
29
μA *1, *4
TA = + 85°C,
When LVD is off
-
280
μA *1, *4
ICCH
Stop mode
TA = + 25°C,
When LVD is off
9
28
μA *1
TA = + 85°C,
When LVD is off
-
270
μA *1
ICCHD
Deep Standby
Stop mode
TA = + 25°C,
When LVD is off,
When RAM is off
1.25
7
μA
*1, *4, *5
TA = + 25°C,
When LVD is off,
When RAM is on
5.3
18
μA
*1, *4, *5
TA = + 85°C,
When LVD is off,
When RAM is off
-
70
μA
*1, *4, *5
TA = + 85°C,
When LVD is off,
When RAM is on
100
μA
*1, *4, *5
ICCRD
Deep Standby
RTC mode
TA = + 25°C,
When LVD is off,
When RAM is off
1.9
9
μA
*1, *5
TA = + 25°C,
When LVD is off,
When RAM is on
5.9
20
μA
*1, *5
TA = + 85°C,
When LVD is off,
When RAM is off
-
75
μA
*1, *5
TA = + 85°C,
When LVD is off,
When RAM is on
105
μA
*1, *5
*1: When all ports are fixed.
*2: VCC=3.6 V
*3: When using the crystal oscillator of 4 MHz(Including the current consumption of the oscillation circuit)
*4: When using the crystal oscillator of 32 kHz(Including the current consumption of the oscillation circuit)
*5: RAM on/off setting is on-chip SRAM only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com