Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB9AF141LB Datasheet(PDF) 98 Page - SPANSION

Part # MB9AF141LB
Description  The MB9A140NB Series are highly integrated
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF141LB Datasheet(HTML) 98 Page - SPANSION

Back Button MB9AF141LB Datasheet HTML 94Page - SPANSION MB9AF141LB Datasheet HTML 95Page - SPANSION MB9AF141LB Datasheet HTML 96Page - SPANSION MB9AF141LB Datasheet HTML 97Page - SPANSION MB9AF141LB Datasheet HTML 98Page - SPANSION MB9AF141LB Datasheet HTML 99Page - SPANSION MB9AF141LB Datasheet HTML 100Page - SPANSION MB9AF141LB Datasheet HTML 101Page - SPANSION MB9AF141LB Datasheet HTML 102Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 121 page
background image
D a t a S h e e t
June 10, 2015, MB9A140NB_DS706-00040-4v0-E
95
CONFIDENTIAL
6. Low-Voltage Detection Characteristics
(1) Low-Voltage Detection Reset
(TA = - 40°C to + 85°C)
Parameter
Symbol
Conditions
Value
Unit
Remarks
Min
Typ
Max
Detected voltage
VDL
SVHR*
1 = 00000
1.38
1.50
1.60
V
When voltage drops
Released voltage
VDH
1.43
1.55
1.65
V
When voltage rises
Detected voltage
VDL
SVHR*
1 = 00001
1.43
1.55
1.65
V
When voltage drops
Released voltage
VDH
Same as SVHR = 00000 value
V
When voltage rises
Detected voltage
VDL
SVHR*
1 = 00010
1.47
1.60
1.73
V
When voltage drops
Released voltage
VDH
Same as SVHR = 00000 value
V
When voltage rises
Detected voltage
VDL
SVHR*
1 = 00011
1.52
1.65
1.78
V
When voltage drops
Released voltage
VDH
Same as SVHR = 00000 value
V
When voltage rises
Detected voltage
VDL
SVHR*
1 = 00100
1.56
1.70
1.84
V
When voltage drops
Released voltage
VDH
Same as SVHR = 00000 value
V
When voltage rises
Detected voltage
VDL
SVHR*
1 = 00101
1.61
1.75
1.89
V
When voltage drops
Released voltage
VDH
Same as SVHR = 00000 value
V
When voltage rises
Detected voltage
VDL
SVHR*
1 = 00110
1.66
1.80
1.94
V
When voltage drops
Released voltage
VDH
Same as SVHR = 00000 value
V
When voltage rises
Detected voltage
VDL
SVHR*
1 = 00111
1.70
1.85
2.00
V
When voltage drops
Released voltage
VDH
Same as SVHR = 00000 value
V
When voltage rises
Detected voltage
VDL
SVHR*
1 = 01000
1.75
1.90
2.05
V
When voltage drops
Released voltage
VDH
Same as SVHR = 00000 value
V
When voltage rises
Detected voltage
VDL
SVHR*
1 = 01001
1.79
1.95
2.11
V
When voltage drops
Released voltage
VDH
Same as SVHR = 00000 value
V
When voltage rises
Detected voltage
VDL
SVHR*
1 = 01010
1.84
2.00
2.16
V
When voltage drops
Released voltage
VDH
Same as SVHR = 00000 value
V
When voltage rises
Detected voltage
VDL
SVHR*
1 = 01011
1.89
2.05
2.21
V
When voltage drops
Released voltage
VDH
Same as SVHR = 00000 value
V
When voltage rises
Detected voltage
VDL
SVHR*
1 = 01100
2.30
2.50
2.70
V
When voltage drops
Released voltage
VDH
Same as SVHR = 00000 value
V
When voltage rises
Detected voltage
VDL
SVHR*
1 = 01101
2.39
2.60
2.81
V
When voltage drops
Released voltage
VDH
Same as SVHR = 00000 value
V
When voltage rises
Detected voltage
VDL
SVHR*
1 = 01110
2.48
2.70
2.92
V
When voltage drops
Released voltage
VDH
Same as SVHR = 00000 value
V
When voltage rises
Detected voltage
VDL
SVHR*
1 = 01111
2.58
2.80
3.02
V
When voltage drops
Released voltage
VDH
Same as SVHR = 00000 value
V
When voltage rises
Detected voltage
VDL
SVHR*
1 = 10000
2.67
2.90
3.13
V
When voltage drops
Released voltage
VDH
Same as SVHR = 00000 value
V
When voltage rises
Detected voltage
VDL
SVHR*
1 = 10001
2.76
3.00
3.24
V
When voltage drops
Released voltage
VDH
Same as SVHR = 00000 value
V
When voltage rises
Detected voltage
VDL
SVHR*
1 = 10010
2.85
3.10
3.35
V
When voltage drops
Released voltage
VDH
Same as SVHR = 00000 value
V
When voltage rises
Detected voltage
VDL
SVHR*
1 = 10011
2.94
3.20
3.46
V
When voltage drops
Released voltage
VDH
Same as SVHR = 00000 value
V
When voltage rises
LVD stabilization
wait time
tLVDW
-
-
-
5200 ×
tCYCP*
2
μs
LVD detection
delay time
tLVDDL
-
-
-
200
μs
*1: The SVHR bit of Low-Voltage Detection Voltage Control Register (LVD_CTL) is initialized to 00000 by
Low-Voltage Detection Reset.
*2: tCYCP indicates the APB2 bus clock cycle time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com