Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB9AF141LB Datasheet(PDF) 65 Page - SPANSION

Part # MB9AF141LB
Description  The MB9A140NB Series are highly integrated
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF141LB Datasheet(HTML) 65 Page - SPANSION

Back Button MB9AF141LB Datasheet HTML 61Page - SPANSION MB9AF141LB Datasheet HTML 62Page - SPANSION MB9AF141LB Datasheet HTML 63Page - SPANSION MB9AF141LB Datasheet HTML 64Page - SPANSION MB9AF141LB Datasheet HTML 65Page - SPANSION MB9AF141LB Datasheet HTML 66Page - SPANSION MB9AF141LB Datasheet HTML 67Page - SPANSION MB9AF141LB Datasheet HTML 68Page - SPANSION MB9AF141LB Datasheet HTML 69Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 121 page
background image
D a t a S h e e t
62
MB9A140NB_DS706-00040-4v0-E, June 10, 2015
CONFIDENTIAL
 Electrical Characteristics
1. Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
Power supply voltage*
1, *2
VCC
VSS - 0.5
VSS + 4.6
V
Analog power supply voltage*
1, *3
AVCC
VSS - 0.5
VSS + 4.6
V
Analog reference voltage*
1, *3
AVRH
VSS - 0.5
VSS + 4.6
V
Input voltage*
1
VI
VSS - 0.5
VCC + 0.5
(≤ 4.6 V)
V
VSS - 0.5
VSS + 6.5
V
5 V tolerant
Analog pin input voltage*
1
VIA
VSS - 0.5
AVCC + 0.5
(≤ 4.6 V)
V
Output voltage*
1
VO
VSS - 0.5
VCC + 0.5
(≤ 4.6 V)
V
L level maximum output current*
4
IOL
-
10
mA
39
mA
P80/P81 pins
L level average output current*
5
IOLAV
-
4
mA
10.5
mA
P80/P81 pins
L level total maximum output current
∑I
OL
-
100
mA
L level total average output current*
6
∑I
OLAV
-
50
mA
H level maximum output current*
4
IOH
-
- 10
mA
- 39
mA
P80/P81 pins
H level average output current*
5
IOHAV
-
- 4
mA
- 12
mA
P80/P81 pins
H level total maximum output current
∑I
OH
-
- 100
mA
H level total average output current*
6
∑I
OHAV
-
- 50
mA
Power consumption
PD
-
300
mW
Storage temperature
TSTG
- 55
+ 150
°C
*1: These parameters are based on the condition that VSS = AVSS = 0 V.
*2: VCC must not drop below VSS - 0.5 V.
*3: Ensure that the voltage does not to exceed VCC + 0.5 V, for example, when the power is turned on.
*4: The maximum output current is defined as the value of the peak current flowing through any one of the
corresponding pins.
*5: The average output current is defined as the average current value flowing through any one of the
corresponding pins for a 100 ms period.
*6: The total average output current is defined as the average current value flowing through all of
corresponding pins for a 100 ms.
<WARNING>
Semiconductor devices may be permanently damaged by application of stress (including, without limitation,
voltage, current or temperature) in excess of absolute maximum ratings.
Do not exceed any of these ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com