Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB9AF141LB Datasheet(PDF) 114 Page - SPANSION

Part # MB9AF141LB
Description  The MB9A140NB Series are highly integrated
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF141LB Datasheet(HTML) 114 Page - SPANSION

Back Button MB9AF141LB Datasheet HTML 110Page - SPANSION MB9AF141LB Datasheet HTML 111Page - SPANSION MB9AF141LB Datasheet HTML 112Page - SPANSION MB9AF141LB Datasheet HTML 113Page - SPANSION MB9AF141LB Datasheet HTML 114Page - SPANSION MB9AF141LB Datasheet HTML 115Page - SPANSION MB9AF141LB Datasheet HTML 116Page - SPANSION MB9AF141LB Datasheet HTML 117Page - SPANSION MB9AF141LB Datasheet HTML 118Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 121 page
background image
DataS h eet
June 10, 2015, MB9A140NB_DS706-00040-4v0-E
111
CONFIDENTIAL
112-ball plastic PFBGA
Ball pitch
0.80 mm
Package width ×
package length
10.00 × 10.00 mm
Lead shape
Soldering ball
Sealing method
Plastic mold
Ball size
Ф 0.45 mm
Mounting height
1.45 mm Max.
Weight
0.22 g
112-ball plastic PFBGA
(BGA-112P-M04)
(BGA-112P-M04)
C
2003-2010 FUJITSU SEMICONDUCTOR LIMITED B112004S-c-2-3
10.00±0.10(.394±.004)
(.049±.008)
1.25±0.20
(Seated height)
6
F
INDEX
(INDEX AREA)
10.00±0.10
(.394±.004)
(112-Ф0.18±.004)
112-Ф0.45±010
0.35±0.10
(.014±.004)
(Stand off)
0.10(.004) S
B
A
G
H
J
K
LE D C B A
7
8
9
10
11
5
4
3
2
1
0.80(.031)
REF
REF
0.80(.031)
Ф0.08(.003)
B
A
S
M
0.20(.008) S B
S
A
S
0.20(.008)
Dimensions in mm (inches).
Note: The values in parentheses are reference values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com