Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP430F135IPM Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F135IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F135IPM Datasheet(HTML) 32 Page - Texas Instruments

Back Button MSP430F135IPM Datasheet HTML 28Page - Texas Instruments MSP430F135IPM Datasheet HTML 29Page - Texas Instruments MSP430F135IPM Datasheet HTML 30Page - Texas Instruments MSP430F135IPM Datasheet HTML 31Page - Texas Instruments MSP430F135IPM Datasheet HTML 32Page - Texas Instruments MSP430F135IPM Datasheet HTML 33Page - Texas Instruments MSP430F135IPM Datasheet HTML 34Page - Texas Instruments MSP430F135IPM Datasheet HTML 35Page - Texas Instruments MSP430F135IPM Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 59 page
background image
MSP430x13x, MSP430x14x, MSP430x14x1
MIXED SIGNAL MICROCONTROLLER
SLAS272F − JULY 2000 − REVISED JUNE 2004
32
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted) (continued)
DCO (see Note 1)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
f(DCO03)
Rsel = 0, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
VCC = 2.2 V
0.08
0.12
0.15
MHz
f(DCO03)
VCC = 3 V
0.08
0.13
0.16
MHz
f(DCO13)
Rsel = 1, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
VCC = 2.2 V
0.14
0.19
0.23
MHz
f(DCO13)
VCC = 3 V
0.14
0.18
0.22
MHz
f(DCO23)
Rsel = 2, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
VCC = 2.2 V
0.22
0.30
0.36
MHz
f(DCO23)
VCC = 3 V
0.22
0.28
0.34
MHz
f(DCO33)
Rsel = 3, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
VCC = 2.2 V
0.37
0.49
0.59
MHz
f(DCO33)
VCC = 3 V
0.37
0.47
0.56
MHz
f(DCO43)
Rsel = 4, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
VCC = 2.2 V
0.61
0.77
0.93
MHz
f(DCO43)
VCC = 3 V
0.61
0.75
0.90
MHz
f(DCO53)
Rsel = 5, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
VCC = 2.2 V
1
1.2
1.5
MHz
f(DCO53)
VCC = 3 V
1
1.3
1.5
MHz
f(DCO63)
Rsel = 6, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
VCC = 2.2 V
1.6
1.9
2.2
MHz
f(DCO63)
VCC = 3 V
1.69
2.0
2.29
MHz
f(DCO73)
Rsel = 7, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
VCC = 2.2 V
2.4
2.9
3.4
MHz
f(DCO73)
VCC = 3 V
2.7
3.2
3.65
MHz
f(DCO47)
Rsel = 4, DCO = 7, MOD = 0, DCOR = 0, TA = 25°C
VCC = 2.2 V/3 V
fDCO40
× 1.7
fDCO40
× 2.1
fDCO40
× 2.5
MHz
f(DCO77)
Rsel = 7, DCO = 7, MOD = 0, DCOR = 0, TA = 25°C
VCC = 2.2 V
4
4.5
4.9
MHz
f(DCO77)
Rsel = 7, DCO = 7, MOD = 0, DCOR = 0, TA = 25°C
VCC = 3 V
4.4
4.9
5.4
MHz
S(Rsel)
SR = fRsel+1 / fRsel
VCC = 2.2 V/3 V
1.35
1.65
2
S(DCO)
SDCO = fDCO+1 / fDCO
VCC = 2.2 V/3 V
1.07
1.12
1.16
Dt
Temperature drift, Rsel = 4, DCO = 3, MOD = 0
VCC = 2.2 V
−0.31
−0.36
−0.40
%/
°C
Dt
Temperature drift, Rsel = 4, DCO = 3, MOD = 0
(see Note 2)
VCC = 3 V
−0.33
−0.38
−0.43
%/
°C
DV
Drift with VCC variation, Rsel = 4, DCO = 3, MOD = 0
(see Note 2)
VCC = 2.2 V/3 V
0
5
10
%/V
NOTES:
1. The DCO frequency may not exceed the maximum system frequency defined by parameter processor frequency, f(System).
2. This parameter is not production tested.
2.2
3
f DCO_0
Max
Min
Max
Min
f DCO_7
DCO
0
1
2
3
4
5
6
7
f DCOCLK
1
VCC − V
Figure 12. DCO Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com