Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP430F135IPM Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F135IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F135IPM Datasheet(HTML) 31 Page - Texas Instruments

Back Button MSP430F135IPM Datasheet HTML 27Page - Texas Instruments MSP430F135IPM Datasheet HTML 28Page - Texas Instruments MSP430F135IPM Datasheet HTML 29Page - Texas Instruments MSP430F135IPM Datasheet HTML 30Page - Texas Instruments MSP430F135IPM Datasheet HTML 31Page - Texas Instruments MSP430F135IPM Datasheet HTML 32Page - Texas Instruments MSP430F135IPM Datasheet HTML 33Page - Texas Instruments MSP430F135IPM Datasheet HTML 34Page - Texas Instruments MSP430F135IPM Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 59 page
background image
MSP430x13x, MSP430x14x, MSP430x14x1
MIXED SIGNAL MICROCONTROLLER
SLAS272F − JULY 2000 − REVISED JUNE 2004
31
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted) (continued)
PUC/POR
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t(POR_Delay)
Internal time delay to release POR
150
250
µs
VCC threshold at which POR
TA = −40°C
1.4
1.8
V
VPOR
VCC threshold at which POR
release delay time begins
(see Note 1)
TA = 25°C
1.1
1.5
V
VPOR
release delay time begins
(see Note 1)
TA = 85°C
VCC = 2.2 V/3 V
0.8
1.2
V
V(min)
VCC threshold required to
generate a POR (see Note 2)
VCC |dV/dt| ≥ 1V/ms
CC
0.2
V
t(reset)
RST/NMI low time for PUC/POR
Reset is accepted internally
2
µs
NOTES:
1. VCC rise time dV/dt ≥ 1V/ms.
2. When driving VCC low in order to generate a POR condition, VCC should be driven to 200mV or lower with a dV/dt equal to or less
than −1V/ms. The corresponding rising VCC must also meet the dV/dt requirement equal to or greater than +1V/ms.
VCC
POR
V
t
V
POR
V
(min)
POR
No POR
Figure 10. Power-On Reset (POR) vs Supply Voltage
1.2
1.5
1.8
0.8
1.2
1.4
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
−40
−20
0
20
40
60
80
25
°C
TA − Temperature − °C
Figure 11. VPOR vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com