Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP430F135IPM Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F135IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F135IPM Datasheet(HTML) 37 Page - Texas Instruments

Back Button MSP430F135IPM Datasheet HTML 33Page - Texas Instruments MSP430F135IPM Datasheet HTML 34Page - Texas Instruments MSP430F135IPM Datasheet HTML 35Page - Texas Instruments MSP430F135IPM Datasheet HTML 36Page - Texas Instruments MSP430F135IPM Datasheet HTML 37Page - Texas Instruments MSP430F135IPM Datasheet HTML 38Page - Texas Instruments MSP430F135IPM Datasheet HTML 39Page - Texas Instruments MSP430F135IPM Datasheet HTML 40Page - Texas Instruments MSP430F135IPM Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 59 page
background image
MSP430x13x, MSP430x14x, MSP430x14x1
MIXED SIGNAL MICROCONTROLLER
SLAS272F − JULY 2000 − REVISED JUNE 2004
37
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted) (continued)
12-bit ADC, timing parameters
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
fADC12CLK
For specified performance of ADC12
linearity parameters
2.2V/
3V
0.45
5
6.3
MHz
fADC12OSC
Internal ADC12
oscillator
ADC12DIV=0,
fADC12CLK=fADC12OSC
2.2 V/
3V
3.7
6.3
MHz
tCONVERT
Conversion time
CVREF+ ≥ 5 µF, Internal oscillator,
fADC12OSC = 3.7 MHz to 6.3 MHz
2.2 V/
3 V
2.06
3.51
µs
tCONVERT
Conversion time
External fADC12CLK from ACLK, MCLK or SMCLK:
ADC12SSEL
≠ 0
13
×ADC12DIV×
1/fADC12CLK
µs
tADC12ON‡
Turn on settling time of
the ADC
(see Note 1)
100
ns
tSample‡
Sampling time
RS = 400 Ω, RI = 1000 Ω,
CI = 30 pF
3 V
1220
ns
tSample‡
Sampling time
S
I
CI = 30 pF
τ = [RS + RI] x CI;(see Note 2)
2.2 V
1400
ns
† Not production tested, limits characterized
‡ Not production tested, limits verified by design
NOTES:
1. The condition is that the error in a conversion started after tADC12ON is less than ±0.5 LSB. The reference and input signal are already
settled.
2. Approximately ten Tau (
τ) are needed to get an error of less than ±0.5 LSB:
tSample = ln(2n+1) x (RS + RI) x CI+ 800 ns where n = ADC resolution = 12, RS = external source resistance.
12-bit ADC, linearity parameters
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
EI
Integral linearity error
1.4 V
≤ (VeREF+ − VREF−/VeREF−) min ≤ 1.6 V
2.2 V/3 V
±2
LSB
EI
Integral linearity error
1.6 V < (VeREF+ − VREF−/VeREF−) min ≤ [V(AVCC)]
2.2 V/3 V
±1.7
LSB
ED
Differential linearity
error
(VeREF+ − VREF−/VeREF−)min ≤ (VeREF+ − VREF−/VeREF−),
CVREF+ = 10 µF (tantalum) and 100 nF (ceramic)
2.2 V/3 V
±1
LSB
EO
Offset error
(VeREF+ − VREF−/VeREF−)min ≤ (VeREF+ − VREF−/VeREF−),
Internal impedance of source RS < 100 Ω,
CVREF+ = 10 µF (tantalum) and 100 nF (ceramic)
2.2 V/3 V
±2
±4
LSB
EG
Gain error
(VeREF+ − VREF−/VeREF−)min ≤ (VeREF+ − VREF−/VeREF−),
CVREF+ = 10 µF (tantalum) and 100 nF (ceramic)
2.2 V/3 V
±1.1
±2
LSB
ET
Total unadjusted
error
(VeREF+ − VREF−/VeREF−)min ≤ (VeREF+ − VREF−/VeREF−),
CVREF+ = 10 µF (tantalum) and 100 nF (ceramic)
2.2 V/3 V
±2
±5
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com