Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP430F135IPM Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F135IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F135IPM Datasheet(HTML) 29 Page - Texas Instruments

Back Button MSP430F135IPM Datasheet HTML 25Page - Texas Instruments MSP430F135IPM Datasheet HTML 26Page - Texas Instruments MSP430F135IPM Datasheet HTML 27Page - Texas Instruments MSP430F135IPM Datasheet HTML 28Page - Texas Instruments MSP430F135IPM Datasheet HTML 29Page - Texas Instruments MSP430F135IPM Datasheet HTML 30Page - Texas Instruments MSP430F135IPM Datasheet HTML 31Page - Texas Instruments MSP430F135IPM Datasheet HTML 32Page - Texas Instruments MSP430F135IPM Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
MSP430x13x, MSP430x14x, MSP430x14x1
MIXED SIGNAL MICROCONTROLLER
SLAS272F − JULY 2000 − REVISED JUNE 2004
29
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted) (continued)
wake-up LPM3
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f = 1 MHz
6
t(LPM3) Delay time
f = 2 MHz
VCC = 2.2 V/3 V
6
µs
t(LPM3) Delay time
f = 3 MHz
VCC = 2.2 V/3 V
6
µs
RAM
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VRAMh
CPU HALTED (see Note 1)
1.6
V
NOTE 1: This parameter defines the minimum supply voltage when the data in program memory RAM remain unchanged. No program execution
should take place during this supply voltage condition.
Comparator_A (see Note 1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I(DD)
CAON=1, CARSEL=0, CAREF=0
VCC = 2.2 V
25
40
µA
I(DD)
CAON=1, CARSEL=0, CAREF=0
VCC = 3 V
45
60
µA
I(Refladder/Refdiode)
CAON=1, CARSEL=0,
CAREF=1/2/3, no load at
VCC = 2.2 V
30
50
µA
I(Refladder/Refdiode)
CAREF=1/2/3, no load at
P2.3/CA0/TA1 and P2.4/CA1/TA2
VCC = 3 V
45
71
µA
V(IC)
Common-mode input
voltage
CAON =1
VCC = 2.2 V/3 V
0
VCC−1
V
V(Ref025)
Voltage @ 0.25 V
CC
node
V
CC
PCA0=1, CARSEL=1, CAREF=1,
no load at P2.3/CA0/TA1 and
P2.4/CA1/TA2
VCC = 2.2 V/3 V
0.23
0.24
0.25
V(Ref050)
Voltage @ 0.5V
CC
node
V
CC
PCA0=1, CARSEL=1, CAREF=2,
no load at P2.3/CA0/TA1 and
P2.4/CA1/TA2
VCC = 2.2 V/3 V
0.47
0.48
0.5
V(RefVT)
(see Figure 6)
PCA0=1, CARSEL=1, CAREF=3,
no load at P2.3/CA0/TA1 and
VCC = 2.2 V
390
480
540
mV
V(RefVT)
(see Figure 6)
no load at P2.3/CA0/TA1 and
P2.4/CA1/TA2 TA = 85°C
VCC = 3 V
400
490
550
mV
V(offset)
Offset voltage
See Note 2
VCC = 2.2 V/3 V
−30
30
mV
Vhys
Input hysteresis
CAON=1
VCC = 2.2 V/3 V
0
0.7
1.4
mV
TA = 25°C, Overdrive 10 mV,
VCC = 2.2 V
130
210
300
ns
t(response LH)
TA = 25 C, Overdrive 10 mV,
Without filter: CAF=0
VCC = 3 V
80
150
240
ns
t(response LH)
TA = 25°C, Overdrive 10 mV,
VCC = 2.2 V
1.4
1.9
3.4
µs
TA = 25 C, Overdrive 10 mV,
With filter: CAF=1
VCC = 3 V
0.9
1.5
2.6
µs
TA = 25°C, Overdrive 10 mV,
VCC = 2.2 V
130
210
300
ns
t(response HL)
TA = 25 C, Overdrive 10 mV,
Without filter: CAF=0
VCC = 3 V
80
150
240
ns
t(response HL)
TA = 25°C, Overdrive 10 mV,
VCC = 2.2 V
1.4
1.9
3.4
µs
TA = 25 C, Overdrive 10 mV,
With filter: CAF=1
VCC = 3 V
0.9
1.5
2.6
µs
NOTES:
1. The leakage current for the Comparator_A terminals is identical to Ilkg(Px.x) specification.
2. The input offset voltage can be cancelled by using the CAEX bit to invert the Comparator_A inputs on successive measurements.
The two successive measurements are then summed together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com