Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9885T/V3 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # TDA9885T/V3
Description  I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9885T/V3 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button TDA9885T/V3 Datasheet HTML 35Page - NXP Semiconductors TDA9885T/V3 Datasheet HTML 36Page - NXP Semiconductors TDA9885T/V3 Datasheet HTML 37Page - NXP Semiconductors TDA9885T/V3 Datasheet HTML 38Page - NXP Semiconductors TDA9885T/V3 Datasheet HTML 39Page - NXP Semiconductors TDA9885T/V3 Datasheet HTML 40Page - NXP Semiconductors TDA9885T/V3 Datasheet HTML 41Page - NXP Semiconductors TDA9885T/V3 Datasheet HTML 42Page - NXP Semiconductors TDA9885T/V3 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
2003 Oct 02
39
Philips Semiconductors
Product specification
I2C-bus controlled single and multistandard
alignment-free IF-PLL demodulators
TDA9885; TDA9886
handbook, full pagewidth
MHC116
Vi(VIF) (dBµV)
VVAGC
(V)
ITAGC
(
µA)
(2)
(3)
(4)
(1)
4
2
30
40
50
60
1
70
80
90
100
110
3
0
100
200
300
400
500
600
120
Fig.7 Typical VIF and tuner AGC characteristic.
(1) VVAGC is VIF-AGC voltage and can only be measured at pin OP2 controlled by the I2C-bus (see Table 15).
(2) ITAGC is tuner current in TV mode with RTOP =22kΩ or setting via I2C-bus at −15 dB.
(3) ITAGC is tuner current in TV mode with RTOP =10kΩ or setting via I2C-bus at 0 dB.
(4) ITAGC is tuner current in TV mode with RTOP =0kΩ or setting via I2C-bus at +15 dB.
Fig.8
Typical tuner takeover point as a function of
resistor RTOP.
handbook, halfpage
024
110
60
70
100
90
80
MHB159
12
820
416
Vi(VIF)
(dB
µV)
RTOP (kΩ)
handbook, halfpage
VSAGC
(V)
30
90
50
110
130
Vi(SIF) (dBµV)
70
5
4
2
1
3
MHC117
(2)
(1)
Fig.9 Typical SIF-AGC characteristic.
(1) FM mode.
(2) AM mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com