Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9885T/V3 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA9885T/V3
Description  I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9885T/V3 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA9885T/V3 Datasheet HTML 9Page - NXP Semiconductors TDA9885T/V3 Datasheet HTML 10Page - NXP Semiconductors TDA9885T/V3 Datasheet HTML 11Page - NXP Semiconductors TDA9885T/V3 Datasheet HTML 12Page - NXP Semiconductors TDA9885T/V3 Datasheet HTML 13Page - NXP Semiconductors TDA9885T/V3 Datasheet HTML 14Page - NXP Semiconductors TDA9885T/V3 Datasheet HTML 15Page - NXP Semiconductors TDA9885T/V3 Datasheet HTML 16Page - NXP Semiconductors TDA9885T/V3 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
2003 Oct 02
13
Philips Semiconductors
Product specification
I2C-bus controlled single and multistandard
alignment-free IF-PLL demodulators
TDA9885; TDA9886
8.14
Audio amplifier and mute time constant
The audio amplifier consists of two parts:
• AF preamplifier
• AF output amplifier.
The AF preamplifier used for FM sound is an operational
amplifier with internal feedback, high gain and high
common mode rejection. The AF voltage from the
PLL demodulator is 5 mV (RMS) for a frequency deviation
of 27 kHz and is amplified by 30 dB. By the use of a
DC operating point control circuit (with external
capacitor CAF), the AF preamplifier is decoupled from the
PLL DC voltage. The low-pass characteristic of the
amplifier reduces the harmonics of the sound intercarrier
signal at the AF output terminal.
For FM sound a switchable de-emphasis network (with
external capacitor) is implemented between the
preamplifier and the output amplifier.
The AF output amplifier provides the required AF output
level by a rail-to-rail output stage. A preceding stage
makes use of an input selector for switching between
FM sound, AM sound and mute state. The gain can be
switched between 10 dB (normal) and 4 dB (reduced).
Switching to the mute state is controlled automatically,
dependent on the digital acquisition help in case the VCO
of the FM-PLL is not in the required frequency window.
This is done by a time constant: fast for switching to the
mute state and slow (typically 40 ms) for switching to the
no-mute state.
All switching functions are controlled via the I2C-bus:
• AM sound, FM sound and forced mute
• Auto mute enable or disable
• De-emphasis off or on with 50 or 75 µs
• Audio gain normal or reduced.
8.15
Internal voltage stabilizer
The band gap circuit internally generates a voltage of
approximately 2.4 V, independent of supply voltage and
temperature. A voltage regulator circuit, connected to this
voltage, produces a constant voltage of 3.55 V which is
used as an internal reference voltage.
8.16
I2C-bus transceiver and module address
The device can be controlled via the 2-wire I2C-bus by a
microcontroller. Two wires carry serial data (SDA) and
serial clock (SCL) information between the devices
connected to the I2C-bus.
The device has an I2C-bus slave transceiver with
auto-increment. The circuit operates up to clock
frequencies of 400 kHz.
A slave address is sent from the master to the slave
receiver. To avoid conflicts in a real application with other
devices providing similar or complementing functions,
there are four possible slave addresses available. These
Module Addresses (MADs) can be selected by connecting
resistors on pin SIOMAD and/or pins SIF1 and SIF2 (see
Fig.23). Pin SIOMAD relates with bit A0 and pins SIF1
and SIF2 relate with bit A3. The slave addresses of this
device are given in Table 1.
The power-on preset value is dependent on the use of
pin SIOMAD and can be chosen for 45.75 MHz NTSC as
default (pin SIOMAD left open-circuit) or 58.75 MHz NTSC
(resistor on pin SIOMAD). In this way the device can be
used without the I2C-bus as an NTSC only device.
Remark: In case of using the device without the I2C-bus,
then the rise time of the supply voltage after switching on
power must be longer than 1.2
µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com