Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9885T/V3 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA9885T/V3
Description  I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9885T/V3 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA9885T/V3 Datasheet HTML 17Page - NXP Semiconductors TDA9885T/V3 Datasheet HTML 18Page - NXP Semiconductors TDA9885T/V3 Datasheet HTML 19Page - NXP Semiconductors TDA9885T/V3 Datasheet HTML 20Page - NXP Semiconductors TDA9885T/V3 Datasheet HTML 21Page - NXP Semiconductors TDA9885T/V3 Datasheet HTML 22Page - NXP Semiconductors TDA9885T/V3 Datasheet HTML 23Page - NXP Semiconductors TDA9885T/V3 Datasheet HTML 24Page - NXP Semiconductors TDA9885T/V3 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
2003 Oct 02
21
Philips Semiconductors
Product specification
I2C-bus controlled single and multistandard
alignment-free IF-PLL demodulators
TDA9885; TDA9886
Table 16 TV standard selection for VIF
Note
1. Pin SIOMAD can be used for the selection of the different NTSC standards without I2C-bus. With a resistor on
pin SIOMAD, fVIF = 58.75 MHz; without a resistor on pin SIOMAD, fVIF = 45.75 MHz (NTSC-M).
Table 17 Data setting after power-on reset (default setting with a resistor on pin SIOMAD)
Table 18 Data setting after power-on reset (default setting without a resistor on pin SIOMAD)
VIDEO IF SELECT BITS
fVIF (MHz)
E4
E3
E2
0
0
0
58.75(1)
0
0
1
45.75(1)
0
1
0
38.9
0
1
1
38.0
1
0
0
33.9
1
0
1
33.4
1
1
0
not applicable
1
1
1
not applicable
REGISTER
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
Switching mode
11010110
Adjust mode
00110000
Data mode
00000000
REGISTER
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
Switching mode
11010110
Adjust mode
00110000
Data mode
00000100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com